Electronic Components Datasheet Search
  English  ▼

X  

MP4032-2 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4032-2
Description  Offline LED Driver with Fully-Integrated Internal MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-2 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4032-2 Datasheet HTML 1Page - Monolithic Power Systems MP4032-2 Datasheet HTML 2Page - Monolithic Power Systems MP4032-2 Datasheet HTML 3Page - Monolithic Power Systems MP4032-2 Datasheet HTML 4Page - Monolithic Power Systems MP4032-2 Datasheet HTML 5Page - Monolithic Power Systems MP4032-2 Datasheet HTML 6Page - Monolithic Power Systems MP4032-2 Datasheet HTML 7Page - Monolithic Power Systems MP4032-2 Datasheet HTML 8Page - Monolithic Power Systems MP4032-2 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP4032-2—OFFLINE LED DRIVER WITH FULLY-INTEGRATED INTERNAL MOSFET
MP4032-2 Rev.1.01
www.MonolithicPower.com
4
10/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS
Typical values are at VCC = 16V, TJ = 25°C, unless otherwise noted.
Minimum and maximum values are at VCC = 16V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Supply Voltage
Operating Range
VCC
After turn-on
10.3
27
V
Turn-On Threshold
VCC_ON
VCC rising
13.0
13.8
14.6
V
VCC_CHG_NF VCC falling, no fault
8.9
9.5
10.1
V
Drain-Charger Starting
Threshold
VCC_CHG_F
VCC falling, fault occurs
7.1
7.5
7.9
V
VCC_ON_CHG_
HYS
4.5
V
Hysteresis Voltage
VCC_CHG_HYS
2
V
Supply Current
Drain Charger Supply
Current
ICC_CHARGE Before system turns on
3.5
6
8
mA
Start-Up Current
ISTARTUP
150
195
µA
No switching
900
1200
µA
Quiescent Current
IQ
No switching, fault hiccup
500
670
µA
Operating Current
ICC
fs =70kHz
1
1.25
mA
Multiplier
Operation Range
VMULT
0
3
V
VCOMP=2V, VMULT=0.5V
1.1
1/V
VCOMP=2V, VMULT=1.5V
1.06
1/V
Gain
K
(6)
VCOMP=2V, VMULT=3V
0.99
1/V
Error Amplifier
TJ = +25°C
0.389
0.403
0.417
V
Reference Voltage
VREF
TJ = +125°C
0.386
0.400
0.414
V
Transconductance
(2)
GEA
125
µA/V
Lower Clamp Voltage
VCOMP_L
1.81
1.88
1.95
V
Max. Source Current
(2)
ICOMP_SOURCE
50
µA
Max. Sink Current
(2)
ICOMP_SINK
-350
µA
COMP OCP Threshold
VCOMP_OCP VCOMP rising edge
4.8
5
5.2
V
Current Sense Comparator
Leading-Edge Blanking Time
τLEB
200
310
420
ns
Current Sense Upper Clamp
Voltage
VCS_CLAMP_H
2.10
2.24
2.38
V
Current Sense Lower Clamp
Voltage
VCS_CLAMP_L
110
145
175
mV
130µs auto-switching mode &
the output of Multiplier is
<0.25V
0.05
Feedback Gain
(2)
KCS
Other conditions
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com