Electronic Components Datasheet Search
  English  ▼

X  

MP4032-2 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4032-2
Description  Offline LED Driver with Fully-Integrated Internal MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-2 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4032-2 Datasheet HTML 1Page - Monolithic Power Systems MP4032-2 Datasheet HTML 2Page - Monolithic Power Systems MP4032-2 Datasheet HTML 3Page - Monolithic Power Systems MP4032-2 Datasheet HTML 4Page - Monolithic Power Systems MP4032-2 Datasheet HTML 5Page - Monolithic Power Systems MP4032-2 Datasheet HTML 6Page - Monolithic Power Systems MP4032-2 Datasheet HTML 7Page - Monolithic Power Systems MP4032-2 Datasheet HTML 8Page - Monolithic Power Systems MP4032-2 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP4032-2—OFFLINE LED DRIVER WITH FULLY-INTEGRATED INTERNAL MOSFET
MP4032-2 Rev.1.01
www.MonolithicPower.com
5
10/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
ELECTRICAL CHARACTERISTICS (continued)
Typical values are at VCC = 16V, TJ = 25°C, unless otherwise noted.
Minimum and maximum values are at VCC = 16V, TJ = -40°C to +125°C, unless otherwise noted,
guaranteed by characterization.
Parameter
Symbol
Condition
Min
Typ
Max
Units
Zero Current Detector
Zero Current Detect Threshold
VZCD_T
VZCD falling edge
0.30
0.35
0.40
V
Zero Current Detect Hysteresis
VZCD_HYS
0.55
V
ZCD Blanking Time
τLEB_ZCD
After turn-off
1.75
2.45
3.25
μs
Over-Voltage Blanking Time
τLEB_OVP
After turn-off
1.30
1.95
2.60
μs
Over-Voltage Threshold
VZCD_OVP
1.95μs delay after turn-off
5.05
5.30
5.55
V
Minimum Off Time
τOFF_MIN
TJ = +25°C
3.9
5.3
6.7
μs
Internal MOSFET
Drain-Source
Breakdown
Voltage
BVDSS
dv/dt=10V/ns
600
V
TJ=25
oC
6.5
9
Vcc=16V,
ID=200mA
TJ=125
oC
10.5
14
TJ=25
oC
7
9.5
Drain-Source On-Resistance
RDS(ON)
Vcc=UVLO+80mV,
ID=200mA
TJ=125
oC
11
15
TRIAC Phase Dimming
Maximum Dimming Phase
The max setting brightness
74
75
76
%
VMULT_H
VMULT rising edge
0.31
0.34
0.37
V
Dimming Detect Threshold
VMULT_L
VMULT falling edge
0.125
0.15
0.175
V
Starter
Start Timer Period
τSTART
95
130
175
µs
Thermal Shutdown
Thermal Shutdown Threshold
(7)
TSD
150
°C
Thermal Shutdown Recovery
Hysteresis
(7)
THYS
50
°C
Notes:
6) The multiplier output is given by: VCS=K•VMULT• (VCOMP-1.5)
7) Guaranteed by characterization.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com