Electronic Components Datasheet Search
  English  ▼

X  

MP4032-2 Datasheet(PDF) 9 Page - Monolithic Power Systems

Part # MP4032-2
Description  Offline LED Driver with Fully-Integrated Internal MOSFET
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4032-2 Datasheet(HTML) 9 Page - Monolithic Power Systems

Back Button MP4032-2 Datasheet HTML 5Page - Monolithic Power Systems MP4032-2 Datasheet HTML 6Page - Monolithic Power Systems MP4032-2 Datasheet HTML 7Page - Monolithic Power Systems MP4032-2 Datasheet HTML 8Page - Monolithic Power Systems MP4032-2 Datasheet HTML 9Page - Monolithic Power Systems MP4032-2 Datasheet HTML 10Page - Monolithic Power Systems MP4032-2 Datasheet HTML 11Page - Monolithic Power Systems MP4032-2 Datasheet HTML 12Page - Monolithic Power Systems MP4032-2 Datasheet HTML 13Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
MP4032-2—OFFLINE LED DRIVER WITH FULLY-INTEGRATED INTERNAL MOSFET
MP4032-2 Rev.1.01
www.MonolithicPower.com
9
10/23/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL PERFORMANCE CHARACTERISTICS (continued)
VIN=230VAC/50Hz, 18 LEDs in series, ILED=98mA, VOUT=55V, Lm=1.45mH, TRIAC-dimmable, Non-
isolated Buck-boost Converter, without ripple suppressor, unless otherwise noted.
VMULT
1V/div.
VCOMP
1V/div.
ILED
100mA/div.
IIN
100mA/div.
VMULT
1V/div.
VCOMP
1V/div.
ILED
100mA/div.
IIN
50mA/div.
VMULT
1V/div.
VCOMP
1V/div.
ILED
100mA/div.
IIN
50mA/div.
VMULT
500mV/div.
VCOMP
1V/div.
ILED
100mA/div.
IIN
50mA/div.
VMULT
1V/div.
VCOMP
1V/div.
ILED
100mA/div.
IIN
100mA/div.
VMULT
1V/div.
VCOMP
1V/div.
ILED
100mA/div.
IIN
50mA/div.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com