Electronic Components Datasheet Search
  English  ▼

X  

MP4088 Datasheet(PDF) 3 Page - Monolithic Power Systems

Part # MP4088
Description  Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088 Datasheet(HTML) 3 Page - Monolithic Power Systems

  MP4088 Datasheet HTML 1Page - Monolithic Power Systems MP4088 Datasheet HTML 2Page - Monolithic Power Systems MP4088 Datasheet HTML 3Page - Monolithic Power Systems MP4088 Datasheet HTML 4Page - Monolithic Power Systems MP4088 Datasheet HTML 5Page - Monolithic Power Systems MP4088 Datasheet HTML 6Page - Monolithic Power Systems MP4088 Datasheet HTML 7Page - Monolithic Power Systems MP4088 Datasheet HTML 8Page - Monolithic Power Systems MP4088 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
MP4088 – NON
MP4088 Rev. 1.0
11/23/2015
MPS Proprietary Information
O
Part Number
MP4088GJ*
MP4088GS**
MP4088GN***
* For Tap
** For Tap
*** For Ta
TO
ARN: Product code o
Y: Year code
TO
MP4088: Product cod
LLLLLLLL: Lot numb
MPS: MPS prefix
Y: Year code
WW: Week code
TO
MP4088: Product cod
LLLLLLLL: Lot numb
MPS: MPS prefix
Y: Year code
WW: Week code
N-ISOLATED, TRIAC DIMMABLE PFC LED DR
www.MonolithicPower.com
n. Patent Protected. Unauthorized Photocopy and Duplication Pro
© 2015 MPS. All Rights Reserved.
RDERING INFORMATION
Package
Top Mark
TSOT23-5
See Bel
SOIC8-7A
See Bel
SOIC-8 EP
See Bel
pe & Reel, add suffix –Z (e.g. MP4088GN–Z)
pe & Reel, add suffix –Z (e.g. MP4088GS–Z)
pe & Reel, add suffix –Z (e.g. MP4088GN–Z)
OP MARKING (MP4088GJ)
of MP4088GJ
OP MARKING (MP4088GS)
de of MP4088GS
ber
OP MARKING (MP4088GN)
de of MP4088GN
ber
RIVER FOR 230VAC
3
ohibited.
king
low
low
low



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com