Electronic Components Datasheet Search
  English  ▼

X  

MP4088 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4088
Description  Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4088 Datasheet HTML 1Page - Monolithic Power Systems MP4088 Datasheet HTML 2Page - Monolithic Power Systems MP4088 Datasheet HTML 3Page - Monolithic Power Systems MP4088 Datasheet HTML 4Page - Monolithic Power Systems MP4088 Datasheet HTML 5Page - Monolithic Power Systems MP4088 Datasheet HTML 6Page - Monolithic Power Systems MP4088 Datasheet HTML 7Page - Monolithic Power Systems MP4088 Datasheet HTML 8Page - Monolithic Power Systems MP4088 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
MP4088
Non-Isolated, High PFC, TRIAC Dimmable
LED Driver for 230VAC, Up to 10W LEDs
MP4088 Rev. 1.0
www.MonolithicPower.com
1
11/23/2015
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2015 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4088 is a highly integrated, TRIAC
dimmable LED driver with an integrated 500V
MOSFET that regulates precise LED currents in
non-isolated lighting applications and requires
only a single winding inductor. The MP4088
features MPS’ proprietary hybrid operation
mode, which is designed to achieve optimal
dimming
performance.
The
MP4088
is
designed
specifically
for
high-line
input
(230VAC) and TRIAC dimmable LED lighting
applications, especially for low-cost and small
form-factor applications.
The accurate output LED current is achieved by
an internal averaging current feedback loop. An
internal high-voltage regulator makes the
MP4088 start up quickly without a perceptible
delay.
The
power
de-rating
at
high
temperatures makes the system flicker-free
when the ambient temperature is high.
Full protections features include VCC under-
voltage lockout (UVLO), over-voltage protection
(OVP), and short-circuit protection (SCP). All of
these features make the MP4088 an ideal
solution for simple, offline, and non-isolated
TRIAC dimmable LED lighting applications.
The MP4088 is available in TSOT23-5, SOIC8-
7A, and SOIC-8 EP packages.
FEATURES
• Excellent TRIAC Dimming Performance
• Lowest BOM Cost
• Constant Current LED Driver
• Integrated 500V MOSFET
• Internal HV Fast Start-Up
• Single Winding Inductor
• High Power Factor (>0.7)
• Good LED Current Accuracy
• Supports Buck and Buck-Boost Topology
• LED Current Foldback at High Temperature
• Thermal Shutdown (Auto-Restart with
Hysteresis)
• VCC Under-Voltage Lockout with Hysteresis
(UVLO)
• Programmable Over-Voltage Protection
(OVP)
• Output Short-Circuit Protection (SCP)
• Auto-Restart Function
• Available in TSOT23-5, SOIC8-7A, and
SOIC-8 EP Packages
APPLICATIONS
•
230VAC, Up to 10W LED Lighting
•
Residential and Commercial Lighting
•
TRIAC Dimmable LED Lighting, A19, GU10,
PAR Lamps
All MPS parts are lead-free, halogen-free, and adhere to the RoHS directive. For
MPS green status, please visit the MPS website under Quality Assurance.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.


Similar Part No. - MP4088

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4088GN MPS-MP4088GN Datasheet
1Mb / 14P
198VAC~265VAC/50Hz, 60V/135mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
MP4088GS MPS-MP4088GS Datasheet
1Mb / 13P
198VAC~265VAC/50Hz, 55V/100mA Low Cost, Small form Factor, High PFC Off-line Dimmable LED Driver Evaluation Board
More results

Similar Description - MP4088

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS92075 TI-TPS92075 Datasheet
1Mb / 27P
Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
TPS92075 TI1-TPS92075_14 Datasheet
1Mb / 29P
Non-Isolated, Phase Dimmable, Buck PFC LED Driver with Digital Reference Control
logo
Taiwan Semiconductor Co...
TS19310 TSC-TS19310 Datasheet
423Kb / 8P
Single-Stage PFC TRIAC Dimmable LED Driver
logo
Phihong USA Inc.
PDA010N-350B-R PHIHONG-PDA010N-350B-R Datasheet
272Kb / 3P
10W Triac Dimmable Constant Current LED Driver North American Residential LED Driver
logo
TE Connectivity Ltd
SSL-10W TEC-SSL-10W Datasheet
606Kb / 2P
10W Triac Dimmable LED Driver
logo
Diodes Incorporated
AP1694AEV11 DIODES-AP1694AEV11 Datasheet
854Kb / 10P
230VAC Triac Dimmable GU10 LED Driver
Rev 2
logo
Monolithic Power System...
MP4056 MPS-MP4056 Datasheet
1Mb / 26P
TRIAC Dimmable, Non-isolated Offline LED Controller with Active PFC
MP4068 MPS-MP4068 Datasheet
745Kb / 20P
Non-Isolated,TRIAC Dimmable PFC LED Driver for 120VAC, Up to 10W LEDs
logo
Bright Power Semiconduc...
BP2318 BPS-BP2318 Datasheet
187Kb / 2P
Dimmable Non-isolated Buck APFC LED Driver
BP2838 BPS-BP2838 Datasheet
238Kb / 2P
PWM dimmable Non-isolated Buck LED Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com