Electronic Components Datasheet Search
  English  ▼

X  

MP4088 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4088
Description  Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4088 Datasheet HTML 7Page - Monolithic Power Systems MP4088 Datasheet HTML 8Page - Monolithic Power Systems MP4088 Datasheet HTML 9Page - Monolithic Power Systems MP4088 Datasheet HTML 10Page - Monolithic Power Systems MP4088 Datasheet HTML 11Page - Monolithic Power Systems MP4088 Datasheet HTML 12Page - Monolithic Power Systems MP4088 Datasheet HTML 13Page - Monolithic Power Systems MP4088 Datasheet HTML 14Page - Monolithic Power Systems MP4088 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
MP4088 – NON
MP4088 Rev. 1.0
11/23/2015
MPS Proprietary Information
PIN FUNCTIONS
Pin #
N
TSOT23-5 SOIC8-7A SOIC-8 EP
1
1
1
V
3
2, 5, 6
3
G
2
3
2
4
4
4
5
8
7
--
--
5, 6, 8
Ex
N-ISOLATED, TRIAC DIMMABLE PFC LED DR
www.MonolithicPower.com
n. Patent Protected. Unauthorized Photocopy and Duplication Pro
© 2015 MPS. All Rights Reserved.
Name
Description
VCC
Power supply.
VCC is the supply power
circuits. Connect VCC to an external bulk ca
GND
Ground.
GND is the virtual ground of the IC
OVF
Output voltage feedback.
The over-voltag
on OVF. When the voltage on OVF exceed
time, OVP is triggered, and the chip shuts d
CS
Current sense of the internal power
resistor from CS to GND to sense the curren
When the voltage on CS exceeds VCS_LIMIT
is turned off. If the start-up time exceeds
the internal MOSFET is turned off, even tho
has not reached VCS LIMIT.
HV
High-voltage input of the internal power
the input of the internal high-voltage current
NC
Not connected.
xposed
Pad
The exposed pad should be connected
optimal thermal performance.
RIVER FOR 230VAC
11
ohibited.
r for all of the control
apacitor.
C.
ge condition is detected
ds VOVP after a blanking
own.
MOSFET.
Connect a
nt through the inductor.
, the internal MOSFET
the maximum on-time,
ough the voltage on CS
r MOSFET.
HV is also
t source.
to the GND plane for



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com