Electronic Components Datasheet Search
  English  ▼

X  

MP4088 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP4088
Description  Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP4088 Datasheet HTML 1Page - Monolithic Power Systems MP4088 Datasheet HTML 2Page - Monolithic Power Systems MP4088 Datasheet HTML 3Page - Monolithic Power Systems MP4088 Datasheet HTML 4Page - Monolithic Power Systems MP4088 Datasheet HTML 5Page - Monolithic Power Systems MP4088 Datasheet HTML 6Page - Monolithic Power Systems MP4088 Datasheet HTML 7Page - Monolithic Power Systems MP4088 Datasheet HTML 8Page - Monolithic Power Systems MP4088 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
MP4088 – NON
MP4088 Rev. 1.0
11/23/2015
MPS Proprietary Information
ELECTRICAL CHARACTER
Typical values are VCC = 5V, TJ =
Minimum and maximum values ar
guaranteed by characterization.
Parameter
Start-Up Current Source (HV)
Internal regulator supply current
I
Leakage current from HV
Supply Voltage Management (VCC)
VCC upper threshold for internal
regulator turn-off
VCC normal level
VCC lower threshold for internal
regulator turn-on
VCC hysteresis between regulator
on/off
V
VCC lower threshold for IC
shutdown
V
VCC hysteresis between regulator
off/IC shutdown
VC
VCC lower threshold where
protection phase ends
Internal IC consumption
Internal IC consumption, latch-off
phase
Internal MOSFET (HV to CS)
Breakdown voltage
On-state resistance
Current Sampling Management (CS)
Peak current limit at normal
operation
Leading edge blanking
Feedback threshold to turn on
MOSFET
Minimum off-time limitation at
normal operation
Maximum on-time limitation
Ratio of tON_MAX/tOFF_MIN
N-ISOLATED, TRIAC DIMMABLE PFC LED DR
www.MonolithicPower.com
n. Patent Protected. Unauthorized Photocopy and Duplication Pro
© 2015 MPS. All Rights Reserved.
RISTICS
25°C, unless otherwise noted.
re VCC = 5V, TJ = -40°C to +125°C, unless oth
Symbol
Condition
Min
Ty
REGULATOR
VCC = 0V, VHV = 100V
3.8
5
IHV LKG
VCC = 5V, VHV = 400V
14
VCCOFF
VCC rising edge
4
4.3
VCCNOR
Normal operation
4.2
VCCON
VCC falling edge
3.8
4.
VCCOFF-ON
0.12
0.2
VCCSTOP
VCC falling edge
3.0
3.
CCOFF-STOP
0.5
0.9
VCCPRO
VCC falling edge
1.90
2.3
ICC
VCC = 4.3V,
fsw = 33kHz, duty = 84%
35
ICC_LATCH
VCC = 5V
1
VBR
IHV = 80µA
500
RDS(ON)
IHV = 10mA, TJ = 25°C
8.
VCC = VCCSTOP + 50mV,
IHV = 10mA, TJ = 25°C
8.
)
VCS_LIMIT
0.40
0.4
tLEB
20
VREF
0.186
0.1
tOFF_MIN
7.1
9.
tON_MAX
3.3
4.
σ
0.42
0.4
RIVER FOR 230VAC
5
ohibited.
herwise noted,
yp
Max
Units
5
6.1
mA
4
22
μA
35
4.7
V
25
V
.1
4.45
V
21
0.3
V
.4
3.8
V
95
1.4
V
35
2.80
V
50
400
μA
8
32
μA
V
.5
12
Ω
.5
12
Ω
46
0.52
V
00
ns
95
0.204
V
.3
11.8
μs
.5
6
μs
48
0.58



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com