Electronic Components Datasheet Search
  English  ▼

X  

MP4088 Datasheet(PDF) 4 Page - Monolithic Power Systems

Part # MP4088
Description  Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088 Datasheet(HTML) 4 Page - Monolithic Power Systems

  MP4088 Datasheet HTML 1Page - Monolithic Power Systems MP4088 Datasheet HTML 2Page - Monolithic Power Systems MP4088 Datasheet HTML 3Page - Monolithic Power Systems MP4088 Datasheet HTML 4Page - Monolithic Power Systems MP4088 Datasheet HTML 5Page - Monolithic Power Systems MP4088 Datasheet HTML 6Page - Monolithic Power Systems MP4088 Datasheet HTML 7Page - Monolithic Power Systems MP4088 Datasheet HTML 8Page - Monolithic Power Systems MP4088 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
MP4088 – NON
MP4088 Rev. 1.0
11/23/2015
MPS Proprietary Information
P
TSOT23-5
ABSOLUTE MAXIMUM RAT
HV to CS...................................... -0
VCC, CS to GND .......................... -0
OVF to GND ................................. -0
Source current on OVF ..................
Continuous power dissipation (TA =
TSOT23-5.......................................
SOIC8-7A …….................................
SOIC-8 EP......................................
Lead temperature ...........................
Storage temperature................ -60°C
ESD capability human body mode ..
CDM ESD capability
TSOT23-5.......................................
SOIC8-7A/SOIC-8 EP......................
Recommended Operating Cond
Operating VCC range .....................
TOP VIEW
VCC
OVF
GND
1
2
3
5
4
HV
CS
V
G
N-ISOLATED, TRIAC DIMMABLE PFC LED DR
www.MonolithicPower.com
n. Patent Protected. Unauthorized Photocopy and Duplication Pro
© 2015 MPS. All Rights Reserved.
PACKAGE REFERENCE
SOIC8-7A
S
TINGS
(1)
0.3V to 500V
0.3V to 6.5V
0.7V to 6.5V
............4mA
= +25°C)
(2)
.........1.25W
........... 1.6W
...........2.6W
......... 260°C
C to +150°C
..........2.0kV
..........1.5kV
............ 2kV
ditions
(3)
.. 4.5V to 5V
Thermal Resistance
(4)
TSOT23-5 ..........................
SOIC8-7A...........................
SOIC-8 EP .........................
NOTES:
1) Exceeding these ratings may dam
2) The maximum allowable power di
maximum junction temperature
ambient thermal resistance θJA, a
TA. The maximum allowable cont
any ambient temperature is calc
(MAX)-TA)/θJA. Exceeding the m
dissipation produces an excessiv
the regulator to go into thermal
shutdown circuitry protects the
damage.
3) The device is not guaranteed
operating conditions.
4) Measured on JESD51-7, 4-layer P
VCC
GND
OVF
CS
HV
GND
GND
1
2
3
4
8
6
5
TOP VIEW
VCC
OVF
GND
CS
1
2
3
4
EXPOSED
ON BACKS
CONNECT TO
RIVER FOR 230VAC
4
ohibited.
SOIC-8 EP
θJA
θJC
.... 100 ..... 55... °C/W
..... 76 ...... 35... °C/W
..... 48 ...... 10... °C/W
mage the device.
ssipation is a function of the
TJ (MAX), the junction-to-
and the ambient temperature
tinuous power dissipation at
culated by PD (MAX) = (TJ
maximum allowable power
ve die temperature, causing
shutdown. Internal thermal
e device from permanent
to function outside of its
PCB.
NC
HV
NC
NC
2
3
4
8
7
6
5
TOP VIEW
PAD
SIDE
GND



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com