Electronic Components Datasheet Search
  English  ▼

X  

MP4088 Datasheet(PDF) 6 Page - Monolithic Power Systems

Part # MP4088
Description  Non-Isolated, High PFC, TRIAC Dimmable LED Driver for 230VAC, Up to 10W LEDs
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4088 Datasheet(HTML) 6 Page - Monolithic Power Systems

Back Button MP4088 Datasheet HTML 2Page - Monolithic Power Systems MP4088 Datasheet HTML 3Page - Monolithic Power Systems MP4088 Datasheet HTML 4Page - Monolithic Power Systems MP4088 Datasheet HTML 5Page - Monolithic Power Systems MP4088 Datasheet HTML 6Page - Monolithic Power Systems MP4088 Datasheet HTML 7Page - Monolithic Power Systems MP4088 Datasheet HTML 8Page - Monolithic Power Systems MP4088 Datasheet HTML 9Page - Monolithic Power Systems MP4088 Datasheet HTML 10Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
MP4088 – NON
MP4088 Rev. 1.0
11/23/2015
MPS Proprietary Information
ELECTRICAL CHARACTER
Typical values are VCC = 5V, TJ =
Minimum and maximum values ar
guaranteed by characterization.
Parameter
S
Protection Input (OVF)
Threshold to trigger OVP
Time constraint on OVP
comparator
Thermal Protection
Power de-rating threshold
(5)
Thermal shutdown threshold
(5)
Thermal shutdown recovery
hysteresis
(5)
NOTE:
5) Guaranteed by characterization.
N-ISOLATED, TRIAC DIMMABLE PFC LED DR
www.MonolithicPower.com
n. Patent Protected. Unauthorized Photocopy and Duplication Pro
© 2015 MPS. All Rights Reserved.
RISTICS (continued)
25°C, unless otherwise noted.
re at VCC = 5V, TJ = -40°C to +125°C, unless o
Symbol
Condition
Min
Ty
VOVP
1.85
2.
tOVP
2
TSTART
14
TSD
16
THYS
50
RIVER FOR 230VAC
6
ohibited.
otherwise noted,
yp
Max
Units
0
2.15
V
1
32
μs
45
°C
60
°C
0
°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com