Electronic Components Datasheet Search
  English  ▼

X  

MP110 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP110 Datasheet HTML 13Page - Monolithic Power Systems MP110 Datasheet HTML 14Page - Monolithic Power Systems MP110 Datasheet HTML 15Page - Monolithic Power Systems MP110 Datasheet HTML 16Page - Monolithic Power Systems MP110 Datasheet HTML 17Page - Monolithic Power Systems MP110 Datasheet HTML 18Page - Monolithic Power Systems MP110 Datasheet HTML 19Page - Monolithic Power Systems MP110 Datasheet HTML 20Page - Monolithic Power Systems MP110 Datasheet HTML 21Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
R7
R6
R8
R5
PRO
CPro
Bus Voltage 600V
Figure 10: Input Over Voltage Protection
Setup
The input over voltage protection point can be
calculated by the following function:
INOVP
PRO
R5 R6 R7 R8
VV
R8
+
++
=
×
1206 packages should be used for resistors
R5~R8 for safety consideration and the total
value should be larger than 10M
Ω for energy
saving purpose.
The switching voltage noise could be introduced
by large R5~R8 value which disturbs the PRO
pin protection action. One ceramic cap with
around 1nF should be paralleled with PRO pin
and GND pin. It should be located near the IC to
decouple the switching voltage noise.
Frequency Jittering
MP110 provides the frequency jittering function
which simplifies the input EMI filter design and
also decreases the system cost. MP110 has the
optimized frequency jittering with ±4% frequency
deviation range and
256TS carrier cycle which can
effectively improve EMI by spreading the energy
dissipation over the frequency range.
Thermal
MP110
is
popular
for
high
input
voltage
application with 900V integrated MOSFET. The
thermal is the key factor to influence the output
power especially the high input voltage and high
operating
frequency.
The
turn-on
loss
is
dominant in high input voltage caused by the
parasitic cap of secondary side diode and
transformer, which bring about the IC very high
junction temperature.
In order to deliver maximum power, a proper
heatsink for MP110 should be designed for
optimum thermal performance. In addition, it’s
recommended to set the operating frequency
less than 150kHz in order to achieve better
thermal
performance
and
better
EMI
in
application.
PCB Layout Guide
PCB layout is important to achieve reliable
operation, good EMI performance, and good
thermal performance. Follow these guidelines to
optimize performance.
1) Minimize the power stage switching stage
loop area. This includes the input loop (C2–
C1-T1–U1–R12/R13–C2),
the
auxiliary
winding loop (T1–D6–C6–T1), the output loop
(T1–D8–C9–T1 and T1–D7–C7–T1) and the
RCD loop (T1–D5–R16/R17/C3–T1)
2) The input loop GND and control circuit should
be separate and only connect at C2.
3) Connecting the heatsink to the primary GND
plane improves EMI and thermal dissipation.
4) Place the control circuit capacitors (such as
those for FB, PRO and VCC pins) close to IC
to decouple switching voltage noise.
5) Enlarge the GND pad near the IC for good
thermal dissipation.
6) Keep the EMI filter far away from the
switching point.
7) The two outputs clearance distance should
satisfy the insulation requirement.
MP110 Rev. 1.01
www.MonolithicPower.com
17
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com