Electronic Components Datasheet Search
  English  ▼

X  

MP110 Datasheet(PDF) 19 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 19 Page - Monolithic Power Systems

Back Button MP110 Datasheet HTML 15Page - Monolithic Power Systems MP110 Datasheet HTML 16Page - Monolithic Power Systems MP110 Datasheet HTML 17Page - Monolithic Power Systems MP110 Datasheet HTML 18Page - Monolithic Power Systems MP110 Datasheet HTML 19Page - Monolithic Power Systems MP110 Datasheet HTML 20Page - Monolithic Power Systems MP110 Datasheet HTML 21Page - Monolithic Power Systems MP110 Datasheet HTML 22Page - Monolithic Power Systems MP110 Datasheet HTML 23Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 19 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
TYPICAL APPLICATION CIRCUITS
499k/1206
R17
10k/1%
R23
S1ML/1kV/1A
D5
TL431K/2.5V
U4
U2
EL817B
0.22uF/275V
CX1
5.1M
/1206
R9
5.1M
/1206
R10
5.1M
/1206
R11
5.1M
/1206
R8
0.1uF
C5
100k/1%
R14
1nF
C4
1M/1206
R6
1M/1206
R5
51k/0805
R7
7448640416
/18mH
LX1
5.1/1%
/1206
R13
5.1/1%/1206
R12
499k/1206
R16
2.2nF/630V/1206
C3
10M/1206
R4
10/1206
R18
1nF
/250V/0805
C11
22uF/50V
C7
1000uF
/25V
C9
1uF
/50V
C8
1uF
/50V
C10
40.2k/1%
R22
20k
R21
100nF
C12
22uF/50V
C6
MBRS3200/200V/3A
D8
2.49/0805
R15
2.2M/1206
R1
2.2M/1206
R2
2.2M/1206
R3
22uF/400V
C2
Pro
10/1W
FR1
1k
R19
2k
R20
Drain
5
FSET
3
Source
7
GND
8
VCC
4
Pro
2
FB
1
U1
MP110
Pro
0.22uF/275V
CX2
B1100/100V/1A
D7
BAV21W/200V/0.2A
D6
1N4007
D1
1N4007
D2
1N4007
D3
1N4007
D4
22uF/400V
C1
VOUT2
GND
VOUT1
GND(L)
L
N
L78L05
U3
85Vac to 420Vac
5V/50mA
12.5V/0.4A
1nF
C13
NC
2
3
4
5
6
9
10
T1
1nF
CY1
Primary inductance: 2.5mH
N2
N3
N5
N4
N1:N2:N3:N4:N5=18:125:14:14:9
1
N1
Figure 12: Typical Application Schematic
NC
a) Connection Diagram
b) Winding Diagram
Figure 13: Transformer Structure
1T
1T
1T
1T
3T
3T
N4
N5
N1
N2
N3
3mm wall
3mm wall
MP110 Rev. 1.01
www.MonolithicPower.com
19
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com