Electronic Components Datasheet Search
  English  ▼

X  

MP110 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP110 Datasheet HTML 10Page - Monolithic Power Systems MP110 Datasheet HTML 11Page - Monolithic Power Systems MP110 Datasheet HTML 12Page - Monolithic Power Systems MP110 Datasheet HTML 13Page - Monolithic Power Systems MP110 Datasheet HTML 14Page - Monolithic Power Systems MP110 Datasheet HTML 15Page - Monolithic Power Systems MP110 Datasheet HTML 16Page - Monolithic Power Systems MP110 Datasheet HTML 17Page - Monolithic Power Systems MP110 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
on, the IC implements leading-edge blanking.
During the blanking time, any trigger signal on
source pin is blocked. An internal leading-edge
blanking(LEB) unit containing two LEB times is
employed between the Source pin and the
current comparator input to avoid premature
switching pulse termination due to the parasitic
capacitances. During the blanking time, the
current comparator is disabled and can not turn
off the MOSFET.
Current sensor leading edge blanking inhibits the
current limitation comparator during 650ns (TLEB1,
typical value) and SCP leading edge blanking
inhibits the SCP current comparator during 600ns
(TLEB2, typical value). Figure 5 shows the primary
current sense waveform and the leading edge
blanking.
TLEB1=650ns
TLEB2=600ns
Figure 5: Leading Edge Blanking
MP110 Rev. 1.01
www.MonolithicPower.com
14
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com