Electronic Components Datasheet Search
  English  ▼

X  

MP110 Datasheet(PDF) 18 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 18 Page - Monolithic Power Systems

Back Button MP110 Datasheet HTML 14Page - Monolithic Power Systems MP110 Datasheet HTML 15Page - Monolithic Power Systems MP110 Datasheet HTML 16Page - Monolithic Power Systems MP110 Datasheet HTML 17Page - Monolithic Power Systems MP110 Datasheet HTML 18Page - Monolithic Power Systems MP110 Datasheet HTML 19Page - Monolithic Power Systems MP110 Datasheet HTML 20Page - Monolithic Power Systems MP110 Datasheet HTML 21Page - Monolithic Power Systems MP110 Datasheet HTML 22Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
Input Loop
Auxiliary Winding Loop
Output1 Loop
Output2 Loop
a) Top
b) Bottom
Figure 11: PCB Layout
Design Example
The following is a design example using the
application guidelines for the given specifications:
VIN
85 to 420VAC
VOUT1
12.5V
IOUT1
0.4A
VOUT2
5V
IOUT2
0.05A
fS
100kHz
The detailed application schematic is shown in
Figure 12. The typical performance and circuit
waveforms have been shown in the typical
performance characteristics section. For more
device applications, please refer to the related
evaluation board datasheets.
MP110 Rev. 1.01
www.MonolithicPower.com
18
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com