Electronic Components Datasheet Search
  English  ▼

X  

MP110 Datasheet(PDF) 5 Page - Monolithic Power Systems

Part # MP110
Description  900V Offline Switching Regulator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP110 Datasheet(HTML) 5 Page - Monolithic Power Systems

  MP110 Datasheet HTML 1Page - Monolithic Power Systems MP110 Datasheet HTML 2Page - Monolithic Power Systems MP110 Datasheet HTML 3Page - Monolithic Power Systems MP110 Datasheet HTML 4Page - Monolithic Power Systems MP110 Datasheet HTML 5Page - Monolithic Power Systems MP110 Datasheet HTML 6Page - Monolithic Power Systems MP110 Datasheet HTML 7Page - Monolithic Power Systems MP110 Datasheet HTML 8Page - Monolithic Power Systems MP110 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
MP110 – 900V OFFLINE SWITCHING REGULATOR
ELECTRICAL CHARACTERISTICS
VCC =12V, TJ=-40°C~125°C, Min & Max are guaranteed by characterization, typical is tested under
25°C, unless otherwise noted
Parameter
Symbol
Conditions
Min
Typ
Max
Unit
Timing Resistor(Pin FSET)
FSET Reference Voltage
VFSET
1.16
1.23
1.29
V
Frequency Spectrum Jittering
Range, in Percentage of Fs
RJittering
Example:
fS=100kHz, then
jittering is ±4kHz
±4
%
Typical
Operating
Frequency
fS
TJ=25
℃;R
FSET=100k
Ω
90
104
118
kHz
Current Sampling Management (Pin Source)
Leading-Edge
Blanking
for
Current Sensor
TLEB1
650
ns
Leading-Edge
Blanking
for
SCP
TLEB2
600
ns
Maximum Current Set Point
VCS
0.90
0.96
1.02
V
Short-Circuit Protection Set
Point
VSC
1.32
1.42
1.62
V
Slope Compensation Ramp
SRamp
fS=100kHz
40
mV/
μs
Protection Management (Pin PRO)
Protection Voltage
VPRO
2.95
3.1
3.3
V
Protection Hysteresis
VHY
0.2
V
Thermal Shutdown
Thermal
Shutdown
Threshold
150
°C
Thermal Shutdown Recovery
Hysteresis
30
°C
MP110 Rev. 1.01
www.MonolithicPower.com
5
6/4/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com