Electronic Components Datasheet Search
  English  ▼

X  

MP4027 Datasheet(PDF) 17 Page - Monolithic Power Systems

Part # MP4027
Description  Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4027 Datasheet(HTML) 17 Page - Monolithic Power Systems

Back Button MP4027 Datasheet HTML 11Page - Monolithic Power Systems MP4027 Datasheet HTML 12Page - Monolithic Power Systems MP4027 Datasheet HTML 13Page - Monolithic Power Systems MP4027 Datasheet HTML 14Page - Monolithic Power Systems MP4027 Datasheet HTML 15Page - Monolithic Power Systems MP4027 Datasheet HTML 16Page - Monolithic Power Systems MP4027 Datasheet HTML 17Page - Monolithic Power Systems MP4027 Datasheet HTML 18Page - Monolithic Power Systems MP4027 Datasheet HTML 19Page - Monolithic Power Systems  
Zoom Inzoom in Zoom Outzoom out
 17 / 19 page
background image
MP4027 – PRIMARY-SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4027 Rev. 1.02
www.MonolithicPower.com
17
12/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
TYPICAL APPLICATION CIRCUITS
Figure 18: A19 Bulb Driver, 90-265VAC Input, Isolated Flyback Converter, VO =20V, ILED=350mA
EVB Model: EV4027-J-00A
250V/2A
F1
NC/1206
R10
30Ts
Lm=287uH
36V/500mA
600V/3A/SMB
SMK0765F
220nF/400V
C1
330uF/63V
C10
330uF/63V
C9
L1
600uH
L4
600uH
100nF/275Vac
CX1
DF06S
2
1
BD1
2
1
2.2mH
L3
2k/1206
R1
7.32k/1%
R4
2.2nF/50V
C4
100pF/50V
C3
20/0805
R6
2.2k/1%
R9
0.2/1%/1206
R11
0.2/1%/1206
R12
1
Q1
100/1206
R13
2
1
68pF/630V/1206
C8
WUGF30J
1
2
D4
30k/1206
R14
NS
D1
L2
60mH
L
N
85VAC-264VAC
TVR10431
RV1
MP4027
MULT
2
CS/ZCD
7
VCC
1
NTC
3
GND
5
GATE
8
COMP
4
FB
6
U1
499k/1%/1206
R3A
2.2uF/10V
C6
0805
NTC1
NS
470k/1%/0.5W
R2
NS
C5
0/1%/1206
R5
UUR2813
T1
1
2
BAV3004W
D3
10pF/50V
C7
9.76k/1%
R8
5.1M/1%
R7
19Ts
LED+
LED-
WSGC10MH
D5
3.3uF/400V
C11
499k/1206
R16
499k/1206
R17
Option for >1kV Surge Test
650V/7A
1
3
4
5
20/1%/1206
R15
1
2
L5
499k/1%/1206
R3B
4.7uF/50V
C2
1N5375B
D6
2M/0.25W
R18
350V/0.2A
1000V/1A
350V/0.2A
BEAD
1800@70MHz
68nF/630V
C12
82V
1
2
BAV3004W
D2
Figure 19: T8 Driver, 85-265VAC Input, Low-side Buck-boost Converter, VO =36V, ILED=500mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com