Electronic Components Datasheet Search
  English  ▼

X  

MP4027 Datasheet(PDF) 8 Page - Monolithic Power Systems

Part # MP4027
Description  Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4027 Datasheet(HTML) 8 Page - Monolithic Power Systems

Back Button MP4027 Datasheet HTML 4Page - Monolithic Power Systems MP4027 Datasheet HTML 5Page - Monolithic Power Systems MP4027 Datasheet HTML 6Page - Monolithic Power Systems MP4027 Datasheet HTML 7Page - Monolithic Power Systems MP4027 Datasheet HTML 8Page - Monolithic Power Systems MP4027 Datasheet HTML 9Page - Monolithic Power Systems MP4027 Datasheet HTML 10Page - Monolithic Power Systems MP4027 Datasheet HTML 11Page - Monolithic Power Systems MP4027 Datasheet HTML 12Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
MP4027 – PRIMARY-SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4027 Rev. 1.02
www.MonolithicPower.com
8
12/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
PIN FUNCTIONS
Pin #
Name
Description
1
VCC
Power Supply Input.
Supply power for the control signals and driving high-current
MOSFET. Bypass to ground with an external bulk capacitor (typically 4.7µF).
2
MULT
Multiplier Input.
Connect to the tap of resistor divider between the rectified AC line and
GND. The half-wave sinusoid provides a reference signal for the internal-current-control
loop. MULT is used for brown-out protection detection.
3
NTC
LED Temperature Protection.
Connect an NTC resistor from this pin to GND can reduce
the output current to protect the LED when ambient temperature rising high. Apply an
external PWM signal on this pin can dim the LED with PWM mode.
A 2.2nF to 4.7nF ceramic cap is recommended to connect from NTC to GND to bypass
the high frequency noise when activate temperature protection. For PWM dimming, the
cap can be removed.
4
COMP
Loop Compensation Input.
Connect a compensation network to stabilize the LED driver
and maintain an accurate LED current.
5
GND
Ground.
Current return for the control signal and the gate-drive signal.
6
FB
Feedback Input.
If the accurate LED current is needed, connect this pin to the LED-
current-sensing resistor.
7
CS/ZCD
Current-Sense and Zero-Current Detection.
This is a MPS proprietary dual function pin.
When the gate driver turns on, CS/ZCD senses the MOSFET current. The difference
between the sensed voltage and the internal sinusoidal-current-reference determines
when the MOSFET turns off.
When the gate driver turns off, the zero crossing (after blanking time) triggers GATE turn-
on signal. Connect CS/ZCD to a resistor divider through a diode between the auxiliary
winding and GND.
Output over-voltage condition is detected through ZCD. During every turn-off interval, if
the ZCD voltage exceeds the over-voltage protection threshold, after the 1.6µs
(VMULT_O>0.3V) or 0.8µs (VMULT_O≤0.3V) blanking time, over-voltage protection is triggered
and the system stops switching until auto-restart.
CS/ZCD is used for primary-side over-current protection. If the sensing voltage reaches
2.46V (after blanking time), the primary-side over-current protection is triggered and the
system stops switching until auto-restart.
A 10pF ceramic cap is recommended to connect CS/ZCD to GND to bypass the high-
frequency noise. In order to reduce RC delay influence on the accuracy of the current-
sensing signal, a 1kΩ down-side resistance (RZCD2 in Figure 7) from CS/ZCD is
recommended.
8
GATE
Gate Drive Output.
This totem-pole output stage can drive a high-power MOSFET with a
peak current of 0.8A source and 1A sink. The high-voltage limit is clamped to 14.5V to
avoid excessive gate-drive voltage. The drive-voltage is higher than 6.7V to guarantee a
sufficient drive capacity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com