Electronic Components Datasheet Search
  English  ▼

X  

MP4027 Datasheet(PDF) 1 Page - Monolithic Power Systems

Part # MP4027
Description  Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4027 Datasheet(HTML) 1 Page - Monolithic Power Systems

  MP4027 Datasheet HTML 1Page - Monolithic Power Systems MP4027 Datasheet HTML 2Page - Monolithic Power Systems MP4027 Datasheet HTML 3Page - Monolithic Power Systems MP4027 Datasheet HTML 4Page - Monolithic Power Systems MP4027 Datasheet HTML 5Page - Monolithic Power Systems MP4027 Datasheet HTML 6Page - Monolithic Power Systems MP4027 Datasheet HTML 7Page - Monolithic Power Systems MP4027 Datasheet HTML 8Page - Monolithic Power Systems MP4027 Datasheet HTML 9Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
MP4027
Primary-Side Control,
Offline LED Controller with Active PFC,
NTC and PWM Dimming
MP4027 Rev. 1.02
www.MonolithicPower.com
1
12/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
The Future of Analog IC Technology
DESCRIPTION
The MP4027 is a primary-side-control, offline
LED lighting controller. In a tiny TSOT23-8
package, it achieves high power factor (PF) and
accurate LED current for isolated, single-power-
stage lighting applications.
This
simplifies
LED-lighting-system
design
significantly by eliminating the secondary-side
feedback components and the optocoupler.
The MP4027 integrates power factor correction
(PFC) and valley switching mode to reduce
MOSFET switching losses.
The MP4027 has NTC function and allows
PWM dimming.
To enhance system reliability and safety, the
MP4027 has multiple internally integrated
protection
features,
including
over-voltage
protection (OVP), short-circuit protection (SCP),
primary-side over-current protection (OCP),
brown-out
protection,
over-temperature
protection (OTP), cycle-by-cycle current limit,
VCC under-voltage lockout (UVLO), and auto-
restart function.
FEATURES
 Real-Current Control without Secondary-
Feedback Circuit
 <2% Line/Load Regulation
 NTC Thermal Current Fold-Back
 PWM Dimming Available
 High PF (≥0.9) over Universal Input Voltage
 Valley Switching Mode for Improved
Efficiency
 Brown-Out Protection
 Over-Voltage Protection
 Short-Circuit Protection
 Over-Temperature Protection
 Primary-Side Over-Current Protection
 Cycle-By-Cycle Current Limit
 VCC Under-Voltage Lockout Protection
 Auto-Restart Function
 Available in TSOT23-8 Package
APPLICATIONS
 Solid-State Lighting
 Industrial and Commercial Lighting
 Residential Lighting
All MPS parts are lead-free and adhere to the RoHS directive. For MPS green
status, please visit MPS website under Products, Quality Assurance page.
“MPS” and “The Future of Analog IC Technology” are registered trademarks of
Monolithic Power Systems, Inc.
TYPICAL APPLICATION CIRCUIT
MULT


Similar Part No. - MP4027

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4027GJ MPS-MP4027GJ Datasheet
1,006Kb / 13P
Universal Input, 7W Primary-side-control with Active PFC Offline WLED Driver Evaluation Board For A19 Bulb
MP4027GJ MPS-MP4027GJ Datasheet
769Kb / 12P
Low Line Voltage, 10W High side Buck PFC Offline WLED Driver Evaluation Board
MP4027GJ MPS-MP4027GJ Datasheet
1Mb / 13P
Universal Input, 7W Primary-side-control with Active PFC Offline WLED Driver Evaluation Board For A19 Bulb
More results

Similar Description - MP4027

ManufacturerPart #DatasheetDescription
logo
Monolithic Power System...
MP4021A MPS-MP4021A Datasheet
616Kb / 21P
Primary Side Control Offline LED Controller with Active PFC
MP4030 MPS-MP4030 Datasheet
643Kb / 21P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4031 MPS-MP4031 Datasheet
492Kb / 21P
TRIAC and Analog Dimmable, Primary-Side?밅ontrolled Offline LED Controller with Active PFC
logo
Unisonic Technologies
UPSL101 UTC-UPSL101 Datasheet
175Kb / 7P
ISOLATED, PRIMARY SIDE CONTROL LED LIGHTING DRIVER WITH ACTIVE PFC
logo
Linear Technology
LT3799 LINER-LT3799_15 Datasheet
265Kb / 20P
Offline Isolated Flyback LED Controller with Active PFC
logo
Richtek Technology Corp...
RT7304 RICHTEK-RT7304 Datasheet
273Kb / 14P
Primary-Side-Regulation LED Driver Controller with Active PFC
logo
Monolithic Power System...
MP4030A MPS-MP4030A Datasheet
766Kb / 20P
TRIAC-Dimmable, Primary-Side-Control Offline LED Controller with Active PFC
MP4033 MPS-MP4033 Datasheet
1Mb / 25P
TRIAC Dimmable, Primary Side Control Offline LED Controller with Active PFC
MP4054A MPS-MP4054A Datasheet
1Mb / 19P
Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
MP4026 MPS-MP4026 Datasheet
1Mb / 18P
Primary-Side-Control, Offline LED Controller with Active PFC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com