Electronic Components Datasheet Search
  English  ▼

X  

MP4027 Datasheet(PDF) 10 Page - Monolithic Power Systems

Part # MP4027
Description  Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4027 Datasheet(HTML) 10 Page - Monolithic Power Systems

Back Button MP4027 Datasheet HTML 6Page - Monolithic Power Systems MP4027 Datasheet HTML 7Page - Monolithic Power Systems MP4027 Datasheet HTML 8Page - Monolithic Power Systems MP4027 Datasheet HTML 9Page - Monolithic Power Systems MP4027 Datasheet HTML 10Page - Monolithic Power Systems MP4027 Datasheet HTML 11Page - Monolithic Power Systems MP4027 Datasheet HTML 12Page - Monolithic Power Systems MP4027 Datasheet HTML 13Page - Monolithic Power Systems MP4027 Datasheet HTML 14Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
MP4027 – PRIMARY-SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4027 Rev. 1.02
www.MonolithicPower.com
10
12/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
OPERATION
The MP4027 is a primary-side control, offline
LED controller. It incorporates all the features of
high-performance LED lighting. The LED
current is controlled accurately with the real-
current control method from primary-side
information. Active power factor correction
(PFC) eliminates unwanted harmonic noise on
the AC line. The rich protection features
achieve high safety and reliability in real
application.
Start Up
Initially, the VCC cap is charged by the start-up
resistor from the AC line. When VCC reaches
25.5V, the control logic activates and the gate
driver signal begins to switch; the power supply
is taken over by the auxiliary winding.
The chip shuts down when VCC drops below
9.5V.
The high hysteretic voltage allows for a small
VCC capacitor (typically 4.7μF) to shorten the
start-up time.
Valley Switching Mode
During the external MOSFET ON-time (tON), the
rectified-input voltage (VBUS) charges the
primary-side inductor (LP) causing the primary-
side current (IPRI) to increase linearly from zero
to peak value (IPK). When the MOSFET turns off,
the energy stored in the inductor is transferred
to the secondary-side, which activates the
secondary-side diode to power the load. The
secondary current (ISEC) decreases linearly from
its peak value to zero. When the secondary
current decreases to zero, the MOSFET drain-
source voltage starts oscillating, which is
caused
by
the
primary-side
magnetizing
inductance and parasitic capacitances—the
voltage ring also is reflected on the auxiliary
winding (see Figure 2). To improve primary-
control precision, the chip monitors when ZCD
voltage falls to zero twice before the next
switching period. The zero-current detector
from CS/ZCD generates GATE turn-on signal
when the ZCD voltage falls below 0.295V the
second time (see Figure 3).
This virtually eliminates switch turn-on loss and
diode reverse-recovery losses, ensuring high
efficiency and low EMI noise.
Figure 2: Valley Switching Mode
Figure 3: Zero-Current Detector
Real-Current Control
The proprietary real-current-control method
allows the MP4027 to control the secondary-
side LED current using primary-side information.
The mean value of the output LED current is
calculated approximately as:
REF
o
S
NV
I
2R
 N—Turn ratio between primary side and
secondary side;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com