Electronic Components Datasheet Search
  English  ▼

X  

MP4027 Datasheet(PDF) 11 Page - Monolithic Power Systems

Part # MP4027
Description  Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4027 Datasheet(HTML) 11 Page - Monolithic Power Systems

Back Button MP4027 Datasheet HTML 7Page - Monolithic Power Systems MP4027 Datasheet HTML 8Page - Monolithic Power Systems MP4027 Datasheet HTML 9Page - Monolithic Power Systems MP4027 Datasheet HTML 10Page - Monolithic Power Systems MP4027 Datasheet HTML 11Page - Monolithic Power Systems MP4027 Datasheet HTML 12Page - Monolithic Power Systems MP4027 Datasheet HTML 13Page - Monolithic Power Systems MP4027 Datasheet HTML 14Page - Monolithic Power Systems MP4027 Datasheet HTML 15Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
MP4027 – PRIMARY-SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4027 Rev. 1.02
www.MonolithicPower.com
11
12/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
 VREF—The feedback reference voltage
(typical 0.413V);
 RS—The
sensing
resistor
connected
between the MOSFET source and GND.
Power-Factor Correction (PFC)
MULT is connected to a pull-up resistor from
the rectified-instantaneous-line voltage; the
multiplier output is sinusoidal. This signal sets
the sinusoidal primary side peak current. This
achieves a high power factor (PF).
Inductor current
Multiplier output
Figure 4: Power-Factor Correction
The maximum output voltage of the multiplier is
clamped to 2.0V, setting the cycle-by-cycle
current limit.
VCC Under-Voltage Lockout (UVLO)
When the VCC voltage drops below the UVLO
threshold 9.5V, the IC stops switching and
shuts down; the operating current is very low
under this condition. VCC is then charged by
the external resistor from the AC line. Figure 5
shows the typical waveform of UVLO.
Figure 5: VCC Under-Voltage Lockout
Auto Starter
The MP4027 integrates an auto-restart that
begins timing when the MOSFET turns off. If
ZCD fails to send a turn-on signal after 190µs, a
turn-on signal is initiated. This avoids an
unnecessary IC shut down if ZCD misses
detection.
Minimum Off Time
The MP4027 operates with variable switching
frequency. The frequency changes with the
input instantaneous line voltage. To limit the
maximum
frequency
and
enhance
EMI
performance, the chip employs an internal
minimum OFF-time of 5.5µs.
Leading-Edge Blanking (LEB)
Internal
leading-edge-blanking
(LEB)
is
employed to prevent a switching pulse from
terminating
prematurely
due
to
parasitic
capacitance discharging when the MOSFET
turns on. During the blanking time, the path
from CS/ZCD to the current comparator input is
blocked. Figure 6 shows the leading-edge
blanking time. The LEB time of primary-side
OCP detection is relatively short at 280ns.
t
LEB =400 n s
V
CS
t
Figure 6: Leading-Edge Blanking
Output Over-Voltage Protection (OVP)
Output
over-voltage
protection
prevents
component
damage
from
over-voltage
conditions.
The auxiliary winding’s positive
plateau voltage is proportional to the output
voltage; the OVP uses the auxiliary-winding
voltage instead of directly monitoring the output
voltage.
Figure 7 shows the OVP circuit. Once the ZCD
voltage is higher than 5.1V and exceeds the
OVP blanking time (during the gate turn-off
interval), the OVP signal is latched, turning the
gate driver off. When VCC drops below UVLO,
the IC restarts.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com