Electronic Components Datasheet Search
  English  ▼

X  

MP4027 Datasheet(PDF) 14 Page - Monolithic Power Systems

Part # MP4027
Description  Primary-Side Control, Offline LED Controller with Active PFC, NTC and PWM Dimming
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MPS [Monolithic Power Systems]
Direct Link  http://www.monolithicpower.com
Logo MPS - Monolithic Power Systems

MP4027 Datasheet(HTML) 14 Page - Monolithic Power Systems

Back Button MP4027 Datasheet HTML 10Page - Monolithic Power Systems MP4027 Datasheet HTML 11Page - Monolithic Power Systems MP4027 Datasheet HTML 12Page - Monolithic Power Systems MP4027 Datasheet HTML 13Page - Monolithic Power Systems MP4027 Datasheet HTML 14Page - Monolithic Power Systems MP4027 Datasheet HTML 15Page - Monolithic Power Systems MP4027 Datasheet HTML 16Page - Monolithic Power Systems MP4027 Datasheet HTML 17Page - Monolithic Power Systems MP4027 Datasheet HTML 18Page - Monolithic Power Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 19 page
background image
MP4027 – PRIMARY-SIDE CONTROL, OFFLINE LED CONTROLLER WITH ACTIVE PFC
MP4027 Rev. 1.02
www.MonolithicPower.com
14
12/9/2014
MPS Proprietary Information. Patent Protected. Unauthorized Photocopy and Duplication Prohibited.
© 2014 MPS. All Rights Reserved.
NON-ISOLATED APPLICATIONS
Although isolated solutions can prevent electric
shock from the grid when touching the load,
they cause power loss and increase costs.
Non-isolated solutions achieve higher efficiency
and are highly cost-effective.
Generally, the flyback converter is used for
offline, isolated applications. For the non-
isolated applications, a low-side buck-boost
topology is used. The MP4027 can operate in
both
offline isolated and non-isolated LED-
lighting applications (see Figure 19).
Operation of Low-Side Buck-Boost
The low-side buck-boost equates to a flyback
converter with a 1:1 turn ratio transformer. As
opposed to an isolated solution, there is not a
separate primary and secondary winding,
making a smaller core size. This saves cost and
improves the efficiency of the driver.
The Selection of FET & Rectifier Diode
Since it is just an inductor for non-isolated
solution, compared with isolated solution, at
same output voltage, the power FET can be
selected
with
lower
voltage
rating.
But,
oppositely, the voltage rating of rectifier diodes
for output and aux-winding must be increased.
Improvement of RF EMI
C12 in Figure 19 is added for RF EMI
improvement. The recommended value is from
10nF to 68nF with 630V rating.
Improvement of PFC & THD
The 1:1 ratio reduces the converter’s duty cycle
using the same specifications. Based on the
PFC principle in an isolated solution, the
converter’s PF and THD drops. A non-isolated
solution is suitable particularly for high-output
voltage since the higher output voltage can
extend the duty cycle to improve PF, THD and
efficiency.
For a non-isolated solution with low-output
voltage, the tapped inductor can be applied to
improve the PF and THD.
BUS
CS
GATE
N1
N2
Figure 13: Tapped-Inductor for Low-Side Buck-
Boost Solution
Shown in Figure 13, the tapped-inductor
includes two windings (N1 & N2) and a tap to
connect the rectifier diode. When the power
FET is turned on, the current goes through both
of the windings. When the power FET is off,
only N1 conducts the current through the
rectifier diode. The stored energy of N2 is
released by flux couple. The tapped inductor
features a turn ratio similar to the transformer in
an isolated solution.
The nominal turns ratio is
N1 N2
n1
N1
The duty cycle of the converter is extended by
the tapped inductor, which makes the improved
PF and THD available.
Like the transformer, the snubber is necessary
to clamp the voltage spike.
However, the non-dimmable solution usually
needs to cover the universal input range. The
input range is very wide, from 85VAC to
264VAC. MULT is used to detect the input-
voltage signal, but the resistor divider of MULT



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com