Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 7 Page - Analog Devices

Part # LTC6409
Description  Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6409 Datasheet(HTML) 7 Page - Analog Devices

Back Button LTC6409 Datasheet HTML 3Page - Analog Devices LTC6409 Datasheet HTML 4Page - Analog Devices LTC6409 Datasheet HTML 5Page - Analog Devices LTC6409 Datasheet HTML 6Page - Analog Devices LTC6409 Datasheet HTML 7Page - Analog Devices LTC6409 Datasheet HTML 8Page - Analog Devices LTC6409 Datasheet HTML 9Page - Analog Devices LTC6409 Datasheet HTML 10Page - Analog Devices LTC6409 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 24 page
background image
LTC6409
7
6409fb
For more information www.linear.com/LTC6409
Frequency Response vs Closed
Loop Gain
Frequency Response vs Load
Capacitance
Gain 0.1dB Flatness
TYPICAL PERFORMANCE CHARACTERISTICS
Harmonic Distortion vs Frequency
Harmonic Distortion vs Output
Common Mode Voltage
Harmonic Distortion vs Input
Amplitude
FREQUENCY (MHz)
6409 G19
VS = 5V
VOCM = VICM = 1.25V
RLOAD = 400Ω
RI = RF = 150Ω
VOUTDIFF = 2VP-P
DIFFERENTIAL INPUTS
–50
–60
–70
–80
–90
–120
–110
–100
1
1000
100
10
HD2
HD3
OUTPUT COMMON MODE VOLTAGE (V)
6409 G20
–30
–40
–50
–60
–70
–80
–90
–110
–100
0.5
3.5
3
2.5
2
1.5
1
VS = 5V
fIN = 100MHz
RLOAD = 400Ω
RI = RF = 150Ω
VOUTDIFF = 2VP-P
DIFFERENTIAL INPUTS
HD2
HD3
INPUT AMPLITUDE (dBm)
6409 G21
–80
–90
–120
–110
–100
–4
(0.4VP-P)
–2
10
(2VP-P)
8
6
4
2
0
VS = 5V
VOCM = VICM = 1.25V
fIN = 100MHz
RLOAD = 400Ω
RI = RF = 150Ω
DIFFERENTIAL INPUTS
HD2
HD3
1
100
10
1000
10000
FREQUENCY (MHz)
6409 G15
VS = 5V
VOCM = VICM = 1.25V
RLOAD = 400Ω
60
50
40
30
20
10
0
–30
–20
–10
AV = 1
AV = 2
AV = 5
AV = 10
AV = 20
AV = 100
AV = 400
AV (V/V)
CF (pF)
RI (Ω) RF (Ω)
1
2
5
10
20
100
400
150
100
50
50
25
25
25
150
200
250
500
500
2.5k
10k
1.3
1
0.8
0.4
0.4
0
0
10
1000
100
10000
FREQUENCY (MHz)
6409 G16
20
10
0
–30
–20
–10 VS = 5V
VOCM = VICM = 1.25V
RLOAD = 400Ω
RI = RF = 150Ω, CF = 1.3pF
CAPACITOR VALUES ARE FROM
EACH OUTPUT TO GROUND.
NO SERIES RESISTORS ARE USED.
CL = 0pF
CL = 0.5pF
CL = 1pF
CL = 1.5pF
CL = 2pF
1
100
10
1000
10000
FREQUENCY (MHz)
6409 G17
0.5
0.1
0.2
0.3
0.4
0
–0.5
–0.4
–0.3
–0.2
–0.1
VS = 5V
VOCM = VICM = 1.25V
RLOAD = 400Ω
RI = RF = 150Ω, CF = 1.3pF
Slew Rate vs Temperature
–50
50
125
100
–25
0
25
75
TEMPERATURE (°C)
6409 G08
VS = 5V
3400
3200
3225
3250
3275
3300
3325
3350
3375



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com