Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6409
Description  Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6409 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6409 Datasheet HTML 7Page - Analog Devices LTC6409 Datasheet HTML 8Page - Analog Devices LTC6409 Datasheet HTML 9Page - Analog Devices LTC6409 Datasheet HTML 10Page - Analog Devices LTC6409 Datasheet HTML 11Page - Analog Devices LTC6409 Datasheet HTML 12Page - Analog Devices LTC6409 Datasheet HTML 13Page - Analog Devices LTC6409 Datasheet HTML 14Page - Analog Devices LTC6409 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6409
11
6409fb
For more information www.linear.com/LTC6409
APPLICATIONS INFORMATION
by the source, a termination resistor RT should be chosen
(see Figure 2) such that:
RT =
RINM •RS
RINM – RS
According to Figure 2, the input impedance looking into
the differential amp (RINM) reflects the single-ended
source case, given above. Also, R2 is chosen as:
R2 = RT ||RS =
RT •RS
RT +RS
Figure 2. Optimal Compensation for Signal Source Impedance
Δb is defined as the difference in the feedback factors:
∆b =
RI2
RI2 +RF2
–
RI1
RI1 +RF1
Here, VCM and VINDIFF are defined as the average and
the difference of the two input voltages VINP and VINM,
respectively:
VCM =
VINP + VINM
2
VINDIFF = VINP – VINM
When the feedback ratios mismatch (Δb), common mode
to differential conversion occurs. Setting the differential
input to zero (VINDIFF = 0), the degree of common mode
to differential conversion is given by the equation:
VOUTDIFF = V+OUT – V–OUT ≈ (VCM – VOCM) •
∆b
bAVG
(3)
In general, the degree of feedback pair mismatch is a
source of common mode to differential conversion of
both signals and noise. Using 0.1% resistors or better
will mitigate most problems and will provide about 54dB
worst case of common mode rejection. A low impedance
ground plane should be used as a reference for both the
input signal source and the VOCM pin.
There may be concern on how feedback factor mismatch
affects distortion. Feedback factor mismatch from using
1% resistors or better, has a negligible effect on distor-
tion. However, in single supply level shifting applications
where there is a voltage difference between the input com-
mon mode voltage and the output common mode voltage,
VS
+
–
–
+
RF
RF
RI
RINM
RS
RI
R2 = RS || RT
RT CHOSEN SO THAT RT || RINM = RS
R2 CHOSEN TO BALANCE RT || RS
RT
6409 F02
Effects of Resistor Pair Mismatch
Figure 3 shows a circuit diagram which takes into consid-
eration that real world resistors will not match perfectly.
Assuming infinite open loop gain, the differential output
relationship is given by the equation:
VOUTDIFF = V+OUT – V–OUT ≈ VINDIFF •
RF
RI
+
VCM •
∆b
bAVG
– VOCM •
∆b
bAVG
where RF is the average of RF1, and RF2, and RI is the
average of RI1, and RI2.
bAVG is defined as the average feedback factor from the
outputs to their respective inputs:
bAVG =
1
2
•
RI1
RI1 +RF1
+
RI2
RI2 +RF2


Figure 3. Real-World Application with Feedback
Resistor Pair Mismatch
–
+
RF2
V–OUT
V+OUT
VVOCM
VOCM
6409 F03
RF1
RI2
RI1
+
–
VINP
–
+
VINM
V–IN
V+IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com