Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 22 Page - Analog Devices

Part # LTC6409
Description  Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6409 Datasheet(HTML) 22 Page - Analog Devices

Back Button LTC6409 Datasheet HTML 16Page - Analog Devices LTC6409 Datasheet HTML 17Page - Analog Devices LTC6409 Datasheet HTML 18Page - Analog Devices LTC6409 Datasheet HTML 19Page - Analog Devices LTC6409 Datasheet HTML 20Page - Analog Devices LTC6409 Datasheet HTML 21Page - Analog Devices LTC6409 Datasheet HTML 22Page - Analog Devices LTC6409 Datasheet HTML 23Page - Analog Devices LTC6409 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC6409
22
6409fb
For more information www.linear.com/LTC6409
PACKAGE DESCRIPTION
0.40
±0.10
0.50
±0.10
0.80
BSC
BOTTOM VIEW—EXPOSED PAD
SIDE VIEW
0.75
±0.05
R = 0.13
TYP
0.20 REF
(UDB10) DFN 0910 REV A
0.70
±0.10
1
2
3
5
6
7
8
10
0.60
±0.10
3.00
±0.05
0.90
±0.10
DETAIL A
0.25
±0.10
0.05
±0.10
2.00
±0.05
DETAIL A
0.25
±0.05
0.50 BSC
UDB Package
10-Lead Plastic QFN (3mm
× 2mm)
(Reference LTC DWG # 05-08-1848 Rev A)
0.00 – 0.05
0.90
±0.05
DETAIL B
0.25
±0.05
0.05
±0.05
0.25
±0.05
0.85
±0.05
RECOMMENDED SOLDER PAD PITCH AND DIMENSIONS
3.50
±0.05
1.10
±0.05
0.65
±0.05
0.75
±0.05
2.50
±0.05
PACKAGE
OUTLINE
0.50 BSC
DETAIL B
0.95
±0.05
NOTE:
1. DRAWING IS NOT A JEDEC PACKAGE OUTLINE
2. DRAWING NOT TO SCALE
3. ALL DIMENSIONS ARE IN MILLIMETERS
4. DIMENSIONS OF EXPOSED PAD ON BOTTOM OF PACKAGE DO NOT INCLUDE
MOLD FLASH. MOLD FLASH, IF PRESENT, SHALL NOT EXCEED 0.15mm ON ANY SIDE
5. EXPOSED PAD SHALL BE SOLDER PLATED
6. SHADED AREA IS ONLY A REFERENCE FOR PIN 1 LOCATION ON THE
TOP AND BOTTOM OF PACKAGE
Please refer to http://www.linear.com/product/LTC6409#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com