Electronic Components Datasheet Search
  English  ▼

X  

LTC6409 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6409
Description  Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6409 Datasheet(HTML) 2 Page - Analog Devices

  LTC6409 Datasheet HTML 1Page - Analog Devices LTC6409 Datasheet HTML 2Page - Analog Devices LTC6409 Datasheet HTML 3Page - Analog Devices LTC6409 Datasheet HTML 4Page - Analog Devices LTC6409 Datasheet HTML 5Page - Analog Devices LTC6409 Datasheet HTML 6Page - Analog Devices LTC6409 Datasheet HTML 7Page - Analog Devices LTC6409 Datasheet HTML 8Page - Analog Devices LTC6409 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6409
2
6409fb
For more information www.linear.com/LTC6409
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF
Differential Offset Voltage (Input Referred)
VS = 3V
VS = 3V
VS = 5V
VS = 5V
l
l
±300
±300
±1000
±1200
±1100
±1400
µV
µV
µV
µV
ΔVOSDIFF
ΔT
Differential Offset Voltage Drift (Input Referred)
VS = 3V
VS = 5V
l
l
2
2
µV/°C
µV/°C
IB
Input Bias Current (Note 6)
VS = 3V
VS = 5V
l
l
–140
–160
–62
–70
0
0
µA
µA
IOS
Input Offset Current (Note 6)
VS = 3V
VS = 5V
l
l
±2
±2
±10
±10
µA
µA
RIN
Input Resistance
Common Mode
Differential Mode
165
860
kΩ
Ω
CIN
Input Capacitance
Differential Mode
0.5
pF
en
Differential Input Noise Voltage Density
f = 1MHz, Not Including RI/RF Noise
1.1
nV/√Hz
in
Input Noise Current Density
f = 1MHz, Not Including RI/RF Noise
8.8
pA/√Hz
NF
Noise Figure at 100MHz
Shunt-Terminated to 50Ω, RS = 50Ω, RI = 25Ω,
RF = 10kΩ
6.9
dB
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+ – V–) .................................5.5V
Input Current (+IN, –IN, VOCM, SHDN)
(Note 2)................................................................ ±10mA
Output Short-Circuit Duration (Note 3) ............ Indefinite
Operating Temperature Range
(Note 4).................................................. –40°C to 125°C
Specified Temperature Range
(Note 5).................................................. –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
TOP VIEW
UDB PACKAGE
10-LEAD (3mm × 2mm) PLASTIC QFN
–OUT
+IN
+OUT
–IN
7
11,V–
6
10
9
8
1
2
3
4
5
TJMAX = 150°C, θJA = 138°C/W, θJC = 5.2°C/W
EXPOSED PAD (PIN 11) CONNECTED TO V–
ORDER INFORMATION
ELECTRICAL CHARACTERISTICS The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = 5V, V– = 0V, VCM = VOCM = VICM = 1.25V, VSHDN = open. VS is
defined as (V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2. VOUTDIFF is defined as (V+OUT – V–OUT).
(Note 1)
Lead Free Finish
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
SPECIFIED TEMPERATURE RANGE
LTC6409CUDB#TRMPBF
LTC6409CUDB#TRPBF
LFPF
10-Lead (3mm × 2mm) Plastic QFN
0°C to 70°C
LTC6409IUDB#TRMPBF
LTC6409IUDB#TRPBF
LFPF
10-Lead (3mm × 2mm) Plastic QFN
–40°C to 85°C
LTC6409HUDB#TRMPBF
LTC6409HUDB#TRPBF
LFPF
10-Lead (3mm × 2mm) Plastic QFN
–40°C to 125°C
TRM = 500 pieces. *Temperature grades are identified by a label on the shipping container.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
http://www.linear.com/product/LTC6409#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com