Electronic Components Datasheet Search
  English  ▼

X  

LTC6419 Datasheet(PDF) 11 Page - Analog Devices

Part # LTC6419
Description  Dual 10GHz GBW, Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6419 Datasheet(HTML) 11 Page - Analog Devices

Back Button LTC6419 Datasheet HTML 7Page - Analog Devices LTC6419 Datasheet HTML 8Page - Analog Devices LTC6419 Datasheet HTML 9Page - Analog Devices LTC6419 Datasheet HTML 10Page - Analog Devices LTC6419 Datasheet HTML 11Page - Analog Devices LTC6419 Datasheet HTML 12Page - Analog Devices LTC6419 Datasheet HTML 13Page - Analog Devices LTC6419 Datasheet HTML 14Page - Analog Devices LTC6419 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 24 page
background image
LTC6419
11
6419fa
For more information www.linear.com/LTC6419
APPLICATIONS INFORMATION
Functional Description
The LTC6419 is a small outline, wideband, high speed, low
noise, and low distortion fully-differential dual amplifier
with accurate output phase balancing. The amplifier is opti-
mized to drive low voltage, single-supply, differential input
analog-to-digital converters (ADCs). The LTC6419 input
common mode range includes ground, which makes it ideal
to DC-couple and convert ground-referenced, single-ended
signals into differential signals that are referenced to the
user-supplied output common mode voltage. This is ideal
for driving these differential ADCs. The balanced differential
nature of the amplifier also provides even-order harmonic
distortion cancellation, and low susceptibility to common
mode noise (like power supply noise). The LTC6419 can
operate with a single-ended input and differential output,
or with a differential input and differential output.
The outputs of the LTC6419 are capable of swinging from
close-to-ground to 1V below V+. They can source or sink
up to approximately 70mA of current. Load capacitances
should be decoupled with at least 10Ω of series resistance
from each output.
Input Pin Protection
The LTC6419 input stage is protected against differential
input voltages which exceed 1.4V by two pairs of series
diodes connected back to back between +INA and –INA
and between +INB and –INB. Moreover, the input pins,
as well as VOCMA, VOCMB, SHDNA and SHDNB pins, have
clamping diodes to either power supply. If these pins are
driven to voltages which exceed either supply, the current
should be limited to 10mA to prevent damage to the IC.
SHDN
Pins
The SHDNA/SHDNB pins are CMOS logic inputs with a
150k internal pull-up resistor. If the pin is driven low, the
LTC6419 powers down. If the pin is left unconnected or
driven high, the part is in normal active operation. Some
care should be taken to control leakage currents at this
pin to prevent inadvertently putting the LTC6419 into
shutdown. The turn-on and turn-off time between the
shutdown and active states is typically less than 200ns.
Keep in mind that each channel of the amplifier has its
own independent SHDN pin.
General Amplifier Applications
In Figure 1, the gain to VOUTDIFF from VINP and VINM is
given by:
VOUTDIFF = V+OUT – V–OUT ≈
RF
RI
• VINP – VINM
(
) (1)
Note from Equation (1), the differential output voltage
(V+OUT – V–OUT) is completely independent of input and
output common mode voltages, or the voltage at the
common mode pin. This makes the LTC6419 ideally
suited for pre-amplification, level shifting and conversion
of single-ended signals to differential output signals for
driving differential input ADCs.
Figure 1. Circuit for Common Mode Range
–
+
RF
V–OUT
V+OUT
VVOCM
VOCM
6419 F01
RF
RI
RI
+
–
VINP
+
–
VCM
–
+
VINM
V–IN
V+IN
Output Common Mode and VOCM Pin
The output common mode voltage is defined as the aver-
age of the two outputs:
VOUTCM = VOCM =
V+OUT + V–OUT
2
As the equation shows, the output common mode voltage
is independent of the input common mode voltage, and
is instead determined by the voltage on the VOCM pin, by
means of an internal common mode feedback loop.
If the VOCM pin is left open, an internal resistor divider
develops a default voltage of 1.25V with a 5V supply. The
VOCM pin can be overdriven to another voltage if desired.
For example, when driving an ADC, if the ADC makes a
reference available for setting the common mode voltage, it
can be directly tied to the VOCM pin, as long as the ADC is



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com