Electronic Components Datasheet Search
  English  ▼

X  

LTC6419 Datasheet(PDF) 2 Page - Analog Devices

Part # LTC6419
Description  Dual 10GHz GBW, Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6419 Datasheet(HTML) 2 Page - Analog Devices

  LTC6419 Datasheet HTML 1Page - Analog Devices LTC6419 Datasheet HTML 2Page - Analog Devices LTC6419 Datasheet HTML 3Page - Analog Devices LTC6419 Datasheet HTML 4Page - Analog Devices LTC6419 Datasheet HTML 5Page - Analog Devices LTC6419 Datasheet HTML 6Page - Analog Devices LTC6419 Datasheet HTML 7Page - Analog Devices LTC6419 Datasheet HTML 8Page - Analog Devices LTC6419 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC6419
2
6419fa
For more information www.linear.com/LTC6419
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Total Supply Voltage (V+A – V–), (V+B – V–) ............5.5V
Input Current (+INA, –INA, +INB, –INB,
VOCMA, VOCMB, SHDNA, SHDNB) (Note 2)........... ±10mA
Output Current (Note 13) ................................ 50mARMS
Output Short-Circuit Duration
(Note 3)...............................................Thermally Limited
Temperature Range (Notes 4, 5)
LTC6419I .............................................–40°C to 85°C
LTC6419H .......................................... –40°C to 125°C
Maximum Junction Temperature .......................... 150°C
Storage Temperature Range .................. –65°C to 150°C
Maximum Reflow (Package Body) Temperature..... 260°C
LQFN PACKAGE
20-LEAD (4mm × 3mm × 0.75mm)
TOP VIEW
–INA
+FBA
SHDNA
SHDNB
+FBB
–INB
+OUTA
V+A
V–
V–
V+B
+OUTB
1
7
8
9
10
20
21
V–
21
V–
21
V–
21
V–
19
18
17
2
3
4
5
6
16
15
14
13
12
11
TJMAX = 150°C, θJA = 44°C/W, θJC = 12°C/W
EXPOSED PADS (PIN 21) CONNECTED TO V–
ORDER INFORMATION
(Note 1)
http://www.linear.com/product/LTC6419#orderinfo
PART NUMBER
PART MARKING*
FINISH CODE
PAD FINISH
PACKAGE**
TYPE
MSL
RATING
TEMPERATURE RANGE
LTC6419IV#PBF
6419
e4
Au (RoHS)
LQFN
3
–40°C to 85°C
LTC6419HV#PBF
6419
–40°C to 125°C
• Consult Marketing for parts specified with wider operating temperature ranges.
Pad or ball finish code is per IPC/JEDEC J-STD-609. *The temperature grade is
identified by a label on the shipping container.
• Terminal Finish Part Marking: www.linear.com/leadfree
• Recommended PCB Assembly and Manufacturing Procedures:
www.linear.com/umodule/pcbassembly
• Package and Tray Drawings: www.linear.com/packaging
Parts ending with PBF are RoHS and WEEE compliant. **The LTC6419 is a laminate package with the same dimensions as a standard 4mm × 3mm × 0.75mm
QFN package.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com