Electronic Components Datasheet Search
  English  ▼

X  

LTC6419 Datasheet(PDF) 21 Page - Analog Devices

Part # LTC6419
Description  Dual 10GHz GBW, Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6419 Datasheet(HTML) 21 Page - Analog Devices

Back Button LTC6419 Datasheet HTML 16Page - Analog Devices LTC6419 Datasheet HTML 17Page - Analog Devices LTC6419 Datasheet HTML 18Page - Analog Devices LTC6419 Datasheet HTML 19Page - Analog Devices LTC6419 Datasheet HTML 20Page - Analog Devices LTC6419 Datasheet HTML 21Page - Analog Devices LTC6419 Datasheet HTML 22Page - Analog Devices LTC6419 Datasheet HTML 23Page - Analog Devices LTC6419 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 24 page
background image
LTC6419
21
6419fa
For more information www.linear.com/LTC6419
TYPICAL APPLICATIONS
I/Q Demodulator Post-Amplifier with DC-Coupling and Level Shifting
6419 TA02
C2
10pF
C1
10pF
RF IN
1900MHz
–10dBm
200mVP-P
C3
12pF
R5
620Ω
R6
620Ω
C5
1.3pF
C4
1.3pF
DIFF OUTPUT Z
130Ω
| |2.5pF
DC LEVEL
1.25V
DC LEVEL
3.9V
DC LEVEL
3.4V
GAIN: 12.3dB
GAIN: 1.1dB
R3
75Ω
R4
75Ω
R1
75Ω
R2
75Ω
–OUT
+OUT
IDENTICAL Q CHANNEL
(CONNECTS TO LTC6419 CHANNEL B)
5V
5pF
65Ω
5pF
65Ω
–
+
+
–
5V
LTC6419
CHANNEL A
VOCM
1.25V
5V
I
5V
5pF
65Ω
5pF
65Ω
5V
Q
5V
LT5575
LO
1920MHz
0dBm
–8.9dBm
227mVP-P
3.4dBm
936mVP-P
Single-Ended to Differential Conversion Using LTC6419 and 50MHz Lowpass Filter (Only One Channel Shown)
LTM9011-14
(14-BIT, 125Msps
OCTAL ADCs)
F3
F1
F2
C1
C2
B3
B1
B2
VCM12
AIN2
+
AIN2
–
AIN3
+
AIN3
–
VCM34
AIN4
+
AIN4
–
AIN8
+
AIN8
–
AIN1
+
AIN1
–
O1A+
O1A–
DCO+
DCO–
FR+
FR–
G2
G1
N1
N2
H7
H8
G8
G7
E7
E8
P5 P6
B6
C5
1.8V
1.8V
7.5pF
82pF
270nH
220nH
3.3V
270nH
220nH
82pF
100pF
150Ω
474Ω
50Ω
50Ω
–OUT
+OUT
VOCM
+IN
V+
–IN
474Ω
100Ω
100Ω
100Ω
100Ω
66.5Ω
66.5Ω
0.1µF
0.8pF
0.8pF
68pF
68pF
6419 TA03
–
+
150Ω
SHDN
GND
INPUT
49.9Ω
1/2 LTC6419



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com