Electronic Components Datasheet Search
  English  ▼

X  

LTC6419 Datasheet(PDF) 3 Page - Analog Devices

Part # LTC6419
Description  Dual 10GHz GBW, Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6419 Datasheet(HTML) 3 Page - Analog Devices

  LTC6419 Datasheet HTML 1Page - Analog Devices LTC6419 Datasheet HTML 2Page - Analog Devices LTC6419 Datasheet HTML 3Page - Analog Devices LTC6419 Datasheet HTML 4Page - Analog Devices LTC6419 Datasheet HTML 5Page - Analog Devices LTC6419 Datasheet HTML 6Page - Analog Devices LTC6419 Datasheet HTML 7Page - Analog Devices LTC6419 Datasheet HTML 8Page - Analog Devices LTC6419 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC6419
3
6419fa
For more information www.linear.com/LTC6419
The l denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. V+ = V+A = V+B = 5V, V– = 0V, VCM = VICM = VOCMA = VOCMB = 1.25V,
VSHDNA = VSHDNB = open. VS is defined as (V+ – V–). VOUTCM is defined as (V+OUT + V–OUT)/2. VICM is defined as (V+IN + V–IN)/2.
VOUTDIFF is defined as (V+OUT – V–OUT).
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOSDIFF
Differential Offset Voltage (Input Referred)
VS = 3V
VS = 3V
VS = 5V
VS = 5V
l
l
±300
±300
±1000
±1200
±1100
±1400
µV
µV
µV
µV
ΔVOSDIFF
ΔT
Differential Offset Voltage Drift (Input Referred)
VS = 3V
VS = 5V
l
l
2
2
µV/°C
µV/°C
IB
Input Bias Current (Note 6)
VS = 3V
VS = 5V
l
l
–140
–160
–62
–70
0
0
µA
µA
IOS
Input Offset Current (Note 6)
VS = 3V
VS = 5V
l
l
±2
±2
±10
±10
µA
µA
RIN
Input Resistance
Common Mode
Differential Mode
165
860
kΩ
Ω
CIN
Input Capacitance
Differential Mode
0.5
pF
en
Differential Input Noise Voltage Density
f = 1MHz, Not Including RI/RF Noise
1.1
nV/√Hz
in
Input Noise Current Density
f = 1MHz, Not Including RI/RF Noise
8.8
pA/√Hz
enVOCM
Common Mode Noise Voltage Density
f = 10MHz
12
nV/√Hz
VICMR
(Note 7)
Input Signal Common Mode Range
VS = 3V
VS = 5V
l
l
0
0
1.5
3.5
V
V
CMRRI
(Note 8)
Input Common Mode Rejection Ratio
(Input Referred) ΔVICM/ΔVOSDIFF
VS = 3V, VICM from 0V to 1.5V
VS = 5V, VICM from 0V to 3.5V
l
l
75
75
90
90
dB
dB
CMRRIO
(Note 8)
Output Common Mode Rejection Ratio (Input
Referred) ΔVOCM/ΔVOSDIFF
VS = 3V, VOCM from 0.5V to 1.5V
VS = 5V, VOCM from 0.5V to 3.5V
l
l
55
60
80
85
dB
dB
PSRR
(Note 9)
Differential Power Supply Rejection (ΔVS/ΔVOSDIFF) VS = 2.7V to 5.25V
l
60
85
dB
PSRRCM
(Note 9)
Output Common Mode Power Supply Rejection
(ΔVS/ΔVOSCM)
VS = 2.7V to 5.25V
l
55
70
dB
VS
Supply Voltage Range (Note 10)
l
2.7
5.25
V
GCM
Common Mode Gain (ΔVOUTCM/ΔVOCM)
VS = 3V, VOCM from 0.5V to 1.5V
VS = 5V, VOCM from 0.5V to 3.5V
l
l
1
1
V/V
V/V
ΔGCM
Common Mode Gain Error, 100 × (GCM – 1)
VS = 3V, VOCM from 0.5V to 1.5V
VS = 5V, VOCM from 0.5V to 3.5V
l
l
±0.1
±0.1
±0.3
±0.3
%
%
BAL
Output Balance
(ΔVOUTCM/ ΔVOUTDIFF)
ΔVOUTDIFF = 2V
Single-Ended Input
Differential Input
l
l
–65
–70
–50
–50
dB
dB
VOSCM
Common Mode Offset Voltage (VOUTCM – VOCM)
VS = 3V
VS = 5V
l
l
±1
±1
±5
±6
mV
mV
ΔVOSCM
ΔT
Common Mode Offset Voltage Drift
l
4
µV/°C
VOUTCMR
(Note 7)
Output Signal Common Mode Range
(Voltage Range for the VOCMA/VOCMB Pins)
VS = 3V
VS = 5V
l
l
0.5
0.5
1.5
3.5
V
V
RINVOCM Input Resistance, VOCMA/VOCMB Pins
l
30
40
50
KΩ
VOCM
Self-Biased Voltage at the VOCMA/VOCMB Pins
VS = 3V, VOCMA = VOCMB = Open
VS = 5V, VOCMA = VOCMB = Open
l
0.9
0.85
1.25
1.6
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com