Electronic Components Datasheet Search
  English  ▼

X  

LTC6419 Datasheet(PDF) 24 Page - Analog Devices

Part # LTC6419
Description  Dual 10GHz GBW, Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6419 Datasheet(HTML) 24 Page - Analog Devices

Back Button LTC6419 Datasheet HTML 16Page - Analog Devices LTC6419 Datasheet HTML 17Page - Analog Devices LTC6419 Datasheet HTML 18Page - Analog Devices LTC6419 Datasheet HTML 19Page - Analog Devices LTC6419 Datasheet HTML 20Page - Analog Devices LTC6419 Datasheet HTML 21Page - Analog Devices LTC6419 Datasheet HTML 22Page - Analog Devices LTC6419 Datasheet HTML 23Page - Analog Devices LTC6419 Datasheet HTML 24Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 24 / 24 page
background image
LTC6419
24
6419fa
For more information www.linear.com/LTC6419
© LINEAR TECHNOLOGY CORPORATION 2017
LT 0517 REV A • PRINTED IN USA
www.linear.com/LTC6419
RELATED PARTS
TYPICAL APPLICATIONS
LTC6419 Externally Compensated for Maximum Gain Flatness and for No-Overshoot Time-Domain Response
PART NUMBER
DESCRIPTION
COMMENTS
LTC6409
10GHz GBW, 1.1nV√Hz Differential Amplifier/ADC Driver
88dB SFDR at 100MHz, IS = 52mA, 5V Supply, AC- or
DC-Coupled Inputs
LTC6400-8/LTC6400-14/
LTC6400-20/LTC6400-26
1.8GHz Low Noise, Low Distortion, Differential ADC Drivers
–71dBc IM3 at 240MHz 1VP-P per Tone, IS = 90mA,
AV = 8dB/14dB/20dB/26dB
LTC6401-8/LTC6401-14/
LTC6401-20/LTC6401-26
1.3GHz Low Noise, Low Distortion, Differential ADC Drivers
–74dBc IM3 at 140MHz 1VP-P per Tone, IS = 50mA,
AV = 8dB/14dB/20dB/26dB
LTC6420-20
Dual 1.8GHz Low Noise, Low Distortion, Differential ADC Drivers Dual Version of the LTC6400-20, AV = 20dB
LTC6421-20
Dual 1.3GHz Low Noise, Low Distortion, Differential ADC Drivers Dual Version of the LTC6401-20, AV = 20dB
LTC6406/LTC6405
3GHz/2.7GHz Low Noise, Rail-to-Rail Input Differential Amplifier/
Driver
–70dBc/–65dBc Distortion at 50MHz, IS = 18mA, 1.6nV/√Hz
Noise, 3V/5V Supply
LTC6430-15/LTC6430-20 15dB/20dB Gain Block IF Amplifier—Differential
OIP3 = 50dBm at 240MHz, 20MHz to 1700MHz Bandwidth,
3.3dB/2.6dB NF
LTC6417
1.6GHz Low Noise High Linearity Differential Buffer/ADC Driver
OIP3 = 41dBm at 300MHz; Can Drive 50Ω Differential Output
LTC6416
2GHz Low Noise, Differential 16-Bit ADC Buffer
–72.5dBc IM3 at 300MHz 1VP-P per Tone, 150mW on 3.6V
Supply
LTC2209
16-Bit, 160Msps ADC
100dB SFDR, VDD = 3.3V, VCM = 1.25V
LTC2262-14
14-Bit, 150Msps Ultralow Power 1.8V ADC
88dB SFDR, 149mW, VDD = 1.8V, VCM = 0.9V
LTC2268-14/LTC2175-14/
LTM9011-14
Dual/Quad/Octal 14-Bit, 125Msps Ultralow Power 1.8V ADCs
88dB SFDR, 140mW per Channel, VDD = 1.8V, VCM = 0.9V
+
–
–
+
250Ω
1.2pF
1/2 LTC6419
VOCM = 1.25V
150Ω
150Ω
CHANNEL 1
50Ω
CHANNEL 2
50Ω
49.9Ω
VIN
50Ω
50Ω
250Ω
6419 TA04
TEKTRONIX
CSA8200 SCOPE
5V
0.1µF
0.1µF
0.1µF
0.1µF
0.4VP-P
1.2pF
50Ω
+
–
–
+
150Ω
1.3pF
1/2 LTC6419
VOCM = 1.25V
150Ω
150Ω
PORT 3
50Ω
PORT 4
50Ω
75Ω
150Ω
150Ω
150Ω
1/2 AGILENT
E5071A
PORT 1
50Ω
PORT 2
50Ω
1/2 AGILENT
E5071A
5V
0.1µF
0.1µF
0.1µF
0.1µF
1.3pF
75Ω
2ns/DIV
+
–
+OUT
–OUT
FREQUENCY (MHz)
1
10
100
1000
10000
–1.0
–0.9
–0.8
–0.7
–0.6
–0.5
–0.4
–0.3
–0.2
–0.1
0.0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
Gain 0.1dB Flatness
No-Overshoot Step Response



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com