Electronic Components Datasheet Search
  English  ▼

X  

LTC6419 Datasheet(PDF) 13 Page - Analog Devices

Part # LTC6419
Description  Dual 10GHz GBW, Differential Amplifier/ADC Driver
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

LTC6419 Datasheet(HTML) 13 Page - Analog Devices

Back Button LTC6419 Datasheet HTML 9Page - Analog Devices LTC6419 Datasheet HTML 10Page - Analog Devices LTC6419 Datasheet HTML 11Page - Analog Devices LTC6419 Datasheet HTML 12Page - Analog Devices LTC6419 Datasheet HTML 13Page - Analog Devices LTC6419 Datasheet HTML 14Page - Analog Devices LTC6419 Datasheet HTML 15Page - Analog Devices LTC6419 Datasheet HTML 16Page - Analog Devices LTC6419 Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC6419
13
6419fa
For more information www.linear.com/LTC6419
APPLICATIONS INFORMATION
Assuming infinite open loop gain, the differential output
relationship is given by the equation:
VOUTDIFF = V+OUT – V–OUT ≈ VINDIFF •
RF
RI
+
VCM •
∆β
β
AVG
– VOCM •
∆β
β
AVG
where RF is the average of RF1, and RF2, and RI is the
average of RI1, and RI2.
VOUTDIFF = V+OUT – V–OUT ≈(VCM – VOCM) •
∆β
β
AVG
(3)
In general, the degree of feedback pair mismatch is a
source of common mode to differential conversion of
both signals and noise. Using 0.1% resistors or better
will mitigate most problems and will provide about 54dB
worst case of common mode rejection. A low impedance
ground plane should be used as a reference for both the
input signal source and the VOCM pin.
There may be concern on how feedback factor mismatch
affects distortion. Feedback factor mismatch from using
1% resistors or better, has a negligible effect on distortion.
However, in single supply level shifting applications where
there is a voltage difference between the input common
mode voltage and the output common mode voltage,
resistor mismatch can make the apparent voltage offset
of the amplifier appear worse than specified.
The apparent input referred offset induced by feedback
factor mismatch is derived from Equation (3):
VOSDIFF(APPARENT) ≈ (VCM – VOCM) • Δβ
Using the LTC6419 in a single 5V supply application with
0.1% resistors, the input common mode grounded, and
the VOCM pin biased at 1.25V, the worst case mismatch
can induce 1.25mV of apparent offset voltage.
Noise and Noise Figure
The LTC6419’s differential input referred voltage and cur-
rent noise densities are 1.1nV/√Hz and 8.8pA/√Hz, respec-
tively. In addition to the noise generated by the amplifier,
the surrounding feedback resistors also contribute noise.
A simplified noise model is shown in Figure 4. The output
noise generated by both the amplifier and the feedback
components is given by the equation:
eno =
eni • 1+
RF
RI


2
+ 2 • i
n • RF
(
)2 +
2 • enRI •
RF
RI


2
+ 2 • e
nRF
2
βAVG is defined as the average feedback factor from the
outputs to their respective inputs:
β
AVG =
1
2
•
RI1
RI1 +RF1
+
RI2
RI2 +RF2


Δ
β is defined as the difference in the feedback factors:
∆β =
RI2
RI2 +RF2
–
RI1
RI1 +RF1
Here, VCM and VINDIFF are defined as the average and
the difference of the two input voltages VINP and VINM,
respectively:
VCM =
VINP + VINM
2
VINDIFF = VINP – VINM
When the feedback ratios mismatch (Δ
β), common mode
to differential conversion occurs. Setting the differential
input to zero (VINDIFF = 0), the degree of common mode
to differential conversion is given by the equation:
Figure 3. Real-World Application with Feedback
Resistor Pair Mismatch
–
+
RF2
V–OUT
V+OUT
VVOCM
VOCM
6419 F03
RF1
RI2
RI1
+
–
VINP
–
+
VINM
V–IN
V+IN



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com