Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC3622
Description  17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3622 Datasheet(HTML) 2 Page - Linear Technology

  LTC3622 Datasheet HTML 1Page - Linear Technology LTC3622 Datasheet HTML 2Page - Linear Technology LTC3622 Datasheet HTML 3Page - Linear Technology LTC3622 Datasheet HTML 4Page - Linear Technology LTC3622 Datasheet HTML 5Page - Linear Technology LTC3622 Datasheet HTML 6Page - Linear Technology LTC3622 Datasheet HTML 7Page - Linear Technology LTC3622 Datasheet HTML 8Page - Linear Technology LTC3622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 24 page
background image
LTC3622/
LTC3622-2/LTC3622-23/5
2
3622fc
For more information www.linear.com/LTC3622
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
VIN1, VIN2, SVIN (MSOP Only) (Note 2)....... –0.3V to 17V
RUN1, RUN2 ..............................................–0.3V to VIN1
MODE/SYNC, FB1, FB2 ................................ –0.3V to 6V
PGOOD1, PGOOD2, ILIM, PHASE.................. –0.3V to 6V
(Note 1)
1
2
3
4
5
6
7
14
13
12
11
10
9
8
SW1
RUN1
FB1
INTVCC
FB2
RUN2
SW2
VIN1
PGOOD1
MODE/SYNC
PHASE
PGOOD2
ILIM
VIN2
TOP VIEW
DE PACKAGE
14-LEAD (4mm
× 3mm) PLASTIC DFN
15
GND
TJMAX = 150°C, θJA = 40°C/W, θJC = 4.4°C/W
EXPOSED PAD (PIN 15) IS GND, MUST BE SOLDERED TO PCB
1
2
3
4
5
6
7
8
VIN1
SVIN
PGOOD1
MODE/SYNC
PHASE
PGOOD2
ILIM
VIN2
16
15
14
13
12
11
10
9
SW1
NC
RUN1
FB1
INTVCC
FB2
RUN2
SW2
TOP VIEW
MSE PACKAGE
16-LEAD PLASTIC MSE
17
GND
TJMAX = 150°C, θJA = 40°C/W, θJC = 10°C/W
EXPOSED PAD (PIN 17) IS GND, MUST BE SOLDERED TO PCB
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC3622EDE#PBF
LTC3622EDE#TRPBF
3622
14-Lead (3mm x 4mm) Plastic DFN
–40°C to 125°C
LTC3622IDE#PBF
LTC3622IDE#TRPBF
3622
14-Lead (3mm x 4mm) Plastic DFN
–40°C to 125°C
LTC3622HDE#PBF
LTC3622HDE#TRPBF
3622
14-Lead (3mm x 4mm) Plastic DFN
–40°C to 150°C
LTC3622EMSE#PBF
LTC3622EMSE#TRPBF
3622
16-Lead Plastic MSOP
–40°C to 125°C
LTC3622IMSE#PBF
LTC3622IMSE#TRPBF
3622
16-Lead Plastic MSOP
–40°C to 125°C
LTC3622HMSE#PBF
LTC3622HMSE#TRPBF
3622
16-Lead Plastic MSOP
–40°C to 150°C
LTC3622EDE-2#PBF
LTC3622EDE-2#TRPBF
36222
14-Lead (3mm x 4mm) Plastic DFN
–40°C to 125°C
LTC3622IDE-2#PBF
LTC3622IDE-2#TRPBF
36222
14-Lead (3mm x 4mm) Plastic DFN
–40°C to 125°C
LTC3622HDE-2#PBF
LTC3622HDE-2#TRPBF
36222
14-Lead (3mm x 4mm) Plastic DFN
–40°C to 150°C
LTC3622EMSE-2#PBF
LTC3622EMSE-2#TRPBF
36222
16-Lead Plastic MSOP
–40°C to 125°C
LTC3622IMSE-2#PBF
LTC3622IMSE-2#TRPBF
36222
16-Lead Plastic MSOP
–40°C to 125°C
LTC3622HMSE-2#PBF
LTC3622HMSE-2#TRPBF
36222
16-Lead Plastic MSOP
–40°C to 150°C
LTC3622EDE-23/5#PBF
LTC3622EDE-23/5#TRPBF
223/5
14-Lead (3mm x 4mm) Plastic DFN
–40°C to 125°C
LTC3622IDE-23/5#PBF
LTC3622IDE-23/5#TRPBF
223/5
14-Lead (3mm x 4mm) Plastic DFN
–40°C to 125°C
LTC3622HDE-23/5#PBF
LTC3622HDE-23/5#TRPBF
223/5
14-Lead (3mm x 4mm) Plastic DFN
–40°C to 150°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/. Some packages are available in 500 unit reels through
designated sales channels with #TRMPBF suffix.
Operating Junction Temperature Range (Note 3)
LTC3622E .......................................... –40°C to 125°C
LTC3622I ........................................... –40°C to 125°C
LTC3622H.......................................... –40°C to 150°C
Storage Temperature Range .................. –65°C to 150°C
http://www.linear.com/product/LTC3622#orderinfo



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com