Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3622
Description  17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3622 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3622 Datasheet HTML 16Page - Linear Technology LTC3622 Datasheet HTML 17Page - Linear Technology LTC3622 Datasheet HTML 18Page - Linear Technology LTC3622 Datasheet HTML 19Page - Linear Technology LTC3622 Datasheet HTML 20Page - Linear Technology LTC3622 Datasheet HTML 21Page - Linear Technology LTC3622 Datasheet HTML 22Page - Linear Technology LTC3622 Datasheet HTML 23Page - Linear Technology LTC3622 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 20 / 24 page
background image
LTC3622/
LTC3622-2/LTC3622-23/5
20
3622fc
For more information www.linear.com/LTC3622
TYPICAL APPLICATIONS
Dual Output Regulators from Multiple Input Sources
604k
604k
134k
3622 TA06
82.5k
22pF
22pF
VIN1
12V
VOUT1
5V
1A
VOUT2
3.3V
1A
COUT1
22µF
COUT2
22µF
VIN1
INTVCC
MODE/SYNC
PHASE
ILIM
VIN2
RUN1
RUN2
SW1
SW2
FB1
3.3µH
1µH
FB2
SVIN
GND
PGOOD1
PGOOD2
LTC3622
CIN1
10µF
VIN2
5V
CIN2
10µF
C1
1µF
1µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com