Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 4 Page - Linear Technology

Part # LTC3622
Description  17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3622 Datasheet(HTML) 4 Page - Linear Technology

  LTC3622 Datasheet HTML 1Page - Linear Technology LTC3622 Datasheet HTML 2Page - Linear Technology LTC3622 Datasheet HTML 3Page - Linear Technology LTC3622 Datasheet HTML 4Page - Linear Technology LTC3622 Datasheet HTML 5Page - Linear Technology LTC3622 Datasheet HTML 6Page - Linear Technology LTC3622 Datasheet HTML 7Page - Linear Technology LTC3622 Datasheet HTML 8Page - Linear Technology LTC3622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
LTC3622/
LTC3622-2/LTC3622-23/5
4
3622fc
For more information www.linear.com/LTC3622
The l denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 12V, unless otherwise noted. (Notes 3, 6)
ELECTRICAL CHARACTERISTICS
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
fOSC
Oscillator Frequency
LTC3622-2/LTC3622-23/5 –40°C ≤ TA ≤ 150°C
LTC3622
–40°C ≤ TA ≤ 125°C
LTC3622
–40°C ≤ TA ≤ 150°C
l
l
l
1.8
0.82
0.75
2.25
1.00
1.00
2.6
1.16
1.16
MHz
MHz
MHz
External CLK Amplitude
0.4
VINTVCC–0.3
V
SYNC Capture Range
% of Programmed Frequency
50
150
%
VINTVCC
INTVCC Voltage
3.3
3.6
3.9
V
Power Good Range
VIN > 4V
–7.5
–11
%
RPGOOD
Power Good Resistance
PGOOD RDS(ON) at 2mA
275
350
Ω
tPGOOD
PGOOD Delay
PGOOD Low to High
PGOOD High to Low
0
32
Cycles
Cycles
Phase Shift Between Channel 1 and Channel
2
VPHASE = 0V
VPHASE = INTVCC, VMODE/SYNC = 0V
0
180
Deg
Deg
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2. Transient Absolute Maximum Voltages should not be applied for
more than 4% of the switching duty cycle.
Note 3. The LTC3622 is tested under pulsed load conditions such that
TJ ≈ TA. The LTC3622E is guaranteed to meet specified performance from
0°C to 85°C. Specifications over the –40°C to 125°C operating junction
temperature range are assured by design, characterization and correlation
with statistical process controls. The LTC3622I is guaranteed over the
–40°C to 125°C operating junction temperature range and the LTC3622H
is guaranteed over the -40°C to 150°C operating junction temperature
range. High junction temperatures degrade operating lifetimes; operating
lifetime is derated for junction temperatures greater than 125°C. Note that
the maximum ambient temperature consistent with these specifications
is determined by specific operating conditions in conjunction with board
layout, the rated package thermal impedance and other environment
factors.
Note 4. The quiescent current in active mode does not include switching
loss of the power FETs.
Note 5. The LTC3622 is tested in a proprietary test mode that connects
VFB to the output of error amplifier.
Note 6. TJ is calculated from the ambient TA and power dissipation PD
according to the following formula: TJ = TA + (PD • θJA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com