Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3622
Description  17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3622 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3622 Datasheet HTML 16Page - Linear Technology LTC3622 Datasheet HTML 17Page - Linear Technology LTC3622 Datasheet HTML 18Page - Linear Technology LTC3622 Datasheet HTML 19Page - Linear Technology LTC3622 Datasheet HTML 20Page - Linear Technology LTC3622 Datasheet HTML 21Page - Linear Technology LTC3622 Datasheet HTML 22Page - Linear Technology LTC3622 Datasheet HTML 23Page - Linear Technology LTC3622 Datasheet HTML 24Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 22 / 24 page
background image
LTC3622/
LTC3622-2/LTC3622-23/5
22
3622fc
For more information www.linear.com/LTC3622
PACKAGE DESCRIPTION
MSOP (MSE16) 0213 REV F
0.53
±0.152
(.021
±.006)
SEATING
PLANE
0.18
(.007)
1.10
(.043)
MAX
0.17 –0.27
(.007 – .011)
TYP
0.86
(.034)
REF
0.50
(.0197)
BSC
16
16151413121110
1 2 3 4 5 6 7 8
9
9
1
8
NOTE:
1. DIMENSIONS IN MILLIMETER/(INCH)
2. DRAWING NOT TO SCALE
3. DIMENSION DOES NOT INCLUDE MOLD FLASH, PROTRUSIONS OR GATE BURRS.
MOLD FLASH, PROTRUSIONS OR GATE BURRS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
4. DIMENSION DOES NOT INCLUDE INTERLEAD FLASH OR PROTRUSIONS.
INTERLEAD FLASH OR PROTRUSIONS SHALL NOT EXCEED 0.152mm (.006") PER SIDE
5. LEAD COPLANARITY (BOTTOM OF LEADS AFTER FORMING) SHALL BE 0.102mm (.004") MAX
6. EXPOSED PAD DIMENSION DOES INCLUDE MOLD FLASH. MOLD FLASH ON E-PAD SHALL
NOT EXCEED 0.254mm (.010") PER SIDE.
0.254
(.010)
0
° – 6° TYP
DETAIL “A”
DETAIL “A”
GAUGE PLANE
5.10
(.201)
MIN
3.20 – 3.45
(.126 – .136)
0.889
±0.127
(.035
±.005)
RECOMMENDED SOLDER PAD LAYOUT
0.305
±0.038
(.0120
±.0015)
TYP
0.50
(.0197)
BSC
BOTTOM VIEW OF
EXPOSED PAD OPTION
2.845
±0.102
(.112
±.004)
2.845
±0.102
(.112
±.004)
4.039
±0.102
(.159
±.004)
(NOTE 3)
1.651
±0.102
(.065
±.004)
1.651
±0.102
(.065
±.004)
0.1016
±0.0508
(.004
±.002)
3.00
±0.102
(.118
±.004)
(NOTE 4)
0.280
±0.076
(.011
±.003)
REF
4.90
±0.152
(.193
±.006)
DETAIL “B”
DETAIL “B”
CORNER TAIL IS PART OF
THE LEADFRAME FEATURE.
FOR REFERENCE ONLY
NO MEASUREMENT PURPOSE
0.12 REF
0.35
REF
MSE Package
16-Lead Plastic MSOP, Exposed Die Pad
(Reference LTC DWG # 05-08-1667 Rev F)
Please refer to http://www.linear.com/product/LTC3622#packaging for the most recent package drawings.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com