Electronic Components Datasheet Search
  English  ▼

X  

LTC3622 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC3622
Description  17V, Dual 1A Synchronous Step-Down Regulator with Ultralow Quiescent Current
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3622 Datasheet(HTML) 3 Page - Linear Technology

  LTC3622 Datasheet HTML 1Page - Linear Technology LTC3622 Datasheet HTML 2Page - Linear Technology LTC3622 Datasheet HTML 3Page - Linear Technology LTC3622 Datasheet HTML 4Page - Linear Technology LTC3622 Datasheet HTML 5Page - Linear Technology LTC3622 Datasheet HTML 6Page - Linear Technology LTC3622 Datasheet HTML 7Page - Linear Technology LTC3622 Datasheet HTML 8Page - Linear Technology LTC3622 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 24 page
background image
LTC3622/
LTC3622-2/LTC3622-23/5
3
3622fc
For more information www.linear.com/LTC3622
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VIN1, VIN2 Operating Voltage
2.7
17
V
SVIN Operating Voltage
MSOP Package
2.7
17
V
VOUT Operating Voltage
0.6
VIN
V
IQ
Input Quiescent Current
Active Mode, VRUN1 = VRUN2 = 2V (Note 4)
Burst Mode Operation, VRUN1 = VRUN2 = 2V,
MODE/SYNC = 3V, No Load
Shutdown Mode; VRUN1 = VRUN2 = 0V
3
5
0.1
10
±1
mA
µA
µA
VFB
Regulated Feedback Voltage
LTC3622/LTC3622-2
l
0.594
0.591
0.6
0.6
0.606
0.609
V
IFB
FB Input Current
LTC3622/LTC3622-2
10
nA
VOUT1
Regulated Fixed Output Voltage
(Channel 1)
LTC3622-23/5
l
4.950
4.925
5.0
5.0
5.050
5.075
V
V
VOUT2
Regulated Fixed Output Voltage
(Channel 2)
LTC3622-23/5
l
3.267
3.250
3.3
3.3
3.333
3.350
V
V
IFB(VOUT) Feedback Input Leakage Current
LTC3622-23/5
1
5
µA
Reference Voltage Line Regulation
VIN = 2.7V to 17V (Note 5)
0.01
0.015
%/V
Output Voltage Load Regulation
(Note 5)
0.1
%
NMOS Switch Leakage
PMOS Switch Leakage
0.1
0.1
1
1
µA
µA
RDS(ON)
NMOS On-Resistance
PMOS On-Resistance
VIN = 5V
0.15
0.37
Ω
Ω
Maximum Duty Cycle
VFB = 0V
l
100
%
tON(MIN) Minimum On-Time
VFB = 0.7V, VIN1 = VIN2 = 5
75
ns
VRUN
RUN Input High
RUN Input Low
0.35
1.0
V
V
RUN Input Current
VRUN = 12V
0.1
±20
nA
VMODE
Pulse-Skipping Mode
Burst Mode Operation
VINTVCC–0.4
0.15
V
V
PHASE Input Threshold
Input Low
Input High
2.0
0.4
V
V
ILIM Input Threshold
Input Low
Input High
VINTVCC–0.1
0.1
INTVCC
V
V
tSS
Soft Start Time
0.5
ms
ILIM
Peak Current Limit
VIN > 5V
VILIM = 0.1V (Both Channels)
VILIM = INTVCC – 0.1V (Both Channels)
VILIM = Floating, Channel 1
VILIM = Floating, Channel 2
1.6
0.8
1.6
0.8
1.8
1.0
1.8
1.0
2.0
1.2
2.0
1.2
A
A
A
A
VINTVCC Undervoltage Lockout
VIN Ramping Up
2.3
2.5
2.65
V
VINTVCC Undervoltage Lockout Hysteresis
160
mV
VIN Overvoltage Lockout Rising
l
18
19
20
V
VIN Overvoltage Lockout Hysteresis
300
mV
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the specified operating
junction temperature range, otherwise specifications are at TA = 25°C. VIN1 = VIN2 = 12V, unless otherwise noted. (Notes 3, 6)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com