Electronic Components Datasheet Search
  English  ▼

X  

LTC4371 Datasheet(PDF) 8 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 8 Page - Linear Technology

Back Button LTC4371 Datasheet HTML 4Page - Linear Technology LTC4371 Datasheet HTML 5Page - Linear Technology LTC4371 Datasheet HTML 6Page - Linear Technology LTC4371 Datasheet HTML 7Page - Linear Technology LTC4371 Datasheet HTML 8Page - Linear Technology LTC4371 Datasheet HTML 9Page - Linear Technology LTC4371 Datasheet HTML 10Page - Linear Technology LTC4371 Datasheet HTML 11Page - Linear Technology LTC4371 Datasheet HTML 12Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 22 page
background image
LTC4371
8
4371f
For more information www.linear.com/LTC4371
applicaTions inForMaTion
Figure 1. –36V to –72V/25A Ideal Diode-OR Controller
Figure 2. Simplest Solution: VDD Connected Directly to VZ
4371 F01
LTC4371
DA
DB
GA GB
SA
VZ
VDD
SB VSS
C1
2.2F
RDA
20k
RDB
20k
M1
IPT020N10N3
M2
IPT020N10N3
VA
–36V TO
–72V
VB
–36V TO
–72V
VOUT
25A LOAD
D1
GREEN LED
RZ
30k
R1
33k
RTN
FAULTB
LTC4371
VZ
VDD
VSS
C1
2.2F
RZ
RTN
VOUT
4371 F02
Highavailabilitysystemsemployparallelconnectedpower
supplies or battery feeds to achieve redundancy and
enhance system reliability. Schottky diodes are a popular
meansofORingthesesuppliestogetheratthepointofload.
The chief disadvantage of Schottky diodes is their sig-
nificant forward voltage drop and resulting power and
efficiency loss. This drop reduces the available supply
voltage and dissipates significant power. The LTC4371
solves these problems by using an N-channel MOSFET
as a low loss pass element to emulate the behavior of a
diode (see Figure 1).
The MOSFET is turned on when power passes in the
forward direction (positive current flow from source to
drain), allowing for a low voltage drop from load to sup-
ply. In the reverse direction, the MOSFET is turned off to
block current flow. By these means, the MOSFET is made
to approach the function and performance of an ideal
diode. The MOSFET voltage drop, ∆VSD, is sensed by the
DA and SA, or DB and SB pins.
Powering VDD
The LTC4371 is fundamentally a low voltage device op-
erating over a range of 4.5V to 16V at the VDD pin, with
respect to VSS. The gate amplifiers are powered from the
VDD pin and pull-up to within 300mV of VDD.
In low voltage applications such as –5V or –12V, the VDD
pin can be powered directly from return, with VSS con-
nected to VOUT.
An internal 12.4V shunt regulator at the VZ pin provides
a means of operating the LTC4371 from higher voltage
supplies. It regulates over a range of 50μA to 10mA. In the
simplestconfigurationshowninFigure 2,VDDisconnected
directly to VZ and biased by resistor RZ from the return.
A 2.2μF decoupling capacitor is required to stabilize the
VZ shunt regulator, and to momentarily provide the 5mA
fast pull-up current at the gate pins as needed.
Bias resistor RZ is chosen to bias the shunt regulator
and provide the maximum VDD current at the expected
minimum input voltage according to:
RZ <
VIN(MIN) – VZ(MIN)
IDD(MAX) + 50µA
(1)
Maximum bias resistor dissipation is calculated from:
PD(RZ) =
(VIN(MAX) – VZ(MIN))2
RZ
(2)
The maximum shunt regulator current must not exceed
10mA such that:
RZ >
VIN(MAX) – VZ(MIN)
10mA
(3)
In –48V applications a single 1206 size 30kΩ resistor is
adequate to power the LTC4371. In the application shown
in Figure 1, at 100V (a commonly specified maximum
transient condition) peak dissipation in RZ just exceeds
250mW, while the maximum VZ current is slightly less
than 3mA.
Dissipation rises in certain applications so that a larger
package or multiple series units are necessary to imple-
ment RZ. Examples include AC applications where the
gatedriversdemandadditionalcurrenttosupplyrepetitive



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com