Electronic Components Datasheet Search
  English  ▼

X  

LTC4371 Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 1 Page - Linear Technology

  LTC4371 Datasheet HTML 1Page - Linear Technology LTC4371 Datasheet HTML 2Page - Linear Technology LTC4371 Datasheet HTML 3Page - Linear Technology LTC4371 Datasheet HTML 4Page - Linear Technology LTC4371 Datasheet HTML 5Page - Linear Technology LTC4371 Datasheet HTML 6Page - Linear Technology LTC4371 Datasheet HTML 7Page - Linear Technology LTC4371 Datasheet HTML 8Page - Linear Technology LTC4371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
LTC4371
1
4371f
For more information www.linear.com/LTC4371
Typical applicaTion
FeaTures
DescripTion
Dual Negative Voltage
Ideal Diode-OR Controller
and Monitor
The LTC®4371 is a two-input negative voltage ideal diode-OR
controller that drives external N-channel MOSFETs as a low
dissipation alternative to Schottky diodes in high power –48V
systems. Low power dissipation and voltage loss eliminates
the need for heatsinks and reduces PC board area. Power
sources can be easily ORed together to increase total system
power and reliability.
The LTC4371 tolerates ±300V transients such as those
experienced during lightning-induced surges and input
supply short-circuit events. The internal shunt regulator
and low 350μA quiescent current allow the use of a large
value dropping resistor to protect the supply pin against
high voltage transients, while the high impedance drain
pins can be similarly protected by high value series resis-
tors without compromising diode operation.
The 220ns reverse current turn-off is achieved by a powerful
2Agatedriverwithlowpropagationdelay,therebyminimizing
peakreversecurrentundercatastrophicfaultconditions.Open
MOSFETandfusefaultsareindicatedattheFAULTBpin,which
is capable of sinking 5mA to drive an LED or opto isolator.
applicaTions
n
Controls N-Channel MOSFETs to Replace Power
Schottky Diodes
n
Low 15mV Forward Voltage Minimizes Dissipation
n
Withstands > ±300V Transients
n
Fast Turn-Off: <220ns
n
Shunt Regulated for High Voltage Applications
n
4.5V Minimum Operation
n
Low 350μA Quiescent Current
n
5mA Gate Pull-Up for 60Hz Applications
n
High Impedance Drain Pins: <10μA Leakage
n
Open Fuse and MOSFET Monitor
n
10-Pin (3mm × 3mm) DFN and MSOP Packages
n
–48V Telecom Power
n
AdvancedTCA Systems
n
Network Routers and Switches
n
Computer Systems and Servers
L
, LT, LTC, LTM, Linear Technology and the Linear logo are registered trademarks of Linear
Technology Corporation. All other trademarks are the property of their respective owners.
–48V/50A Diode-OR
Power Dissipation vs. Load Current
4371 TA01a
LTC4371
DA
DB
GB
GA
SA
VZ
VDD
SB VSS
FAULTB
C1
2.2F
RDA
20k
RDB
20k
M1*
M3*
M2*
VA
–36V TO
–72V
VB
–36V TO
–72V
VOUT
50A LOAD
D1
GREEN LED =
MOSFETS GOOD
RZ
30k
R1
33k
RTN
M4*
*M1-M4: IPT020N10N3
MOSFET
(2–IPT020N10N3)
SCHOTTKY DIODE
(SBRT60U100CT)
POWER
SAVED
CURRENT (A)
0
10
20
30
40
50
0
10
20
30
40
vs Load Current
4371 TA01b


Similar Part No. - LTC4371

ManufacturerPart #DatasheetDescription
logo
Analog Devices
LTC4371 AD-LTC4371 Datasheet
1Mb / 22P
100V UV/OV and Reverse Protection Controller with Bidirectional Circuit Breaker
06/19-REV.B
LTC4371 AD-LTC4371 Datasheet
1Mb / 20P
Low Quiescent Current Ideal Diode Controller
LTC4371 AD-LTC4371 Datasheet
1Mb / 14P
18V, 12A Ideal Diode
LTC4371 AD-LTC4371 Datasheet
1Mb / 14P
40V, 7A Ideal Diode
LTC4371 AD-LTC4371 Datasheet
3Mb / 82P
High Power Negative Voltage Hot Swap Controller with Energy Monitor
07/21-REV.B
More results

Similar Description - LTC4371

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4354 LINER-LTC4354 Datasheet
127Kb / 12P
Negative Voltage Diode-OR Controller and Monitor
LTC4228-1 LINER-LTC4228-1 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4354 LINER-LTC4354_15 Datasheet
195Kb / 14P
Negative Voltage Diode-OR Controller and Monitor
LTC4225-1 LINER-LTC4225-1_15 Datasheet
351Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4225-2 LINER-LTC4225-2_15 Datasheet
351Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4228-1 LINER-LTC4228-1_15 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4228-2 LINER-LTC4228-2_15 Datasheet
384Kb / 24P
Dual Ideal Diode and Hot Swap Controller
LTC4236-1 LINER-LTC4236-1 Datasheet
266Kb / 8P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4235 LINER-LTC4235 Datasheet
496Kb / 22P
Dual 12V Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
LTC4236 LINER-LTC4236 Datasheet
563Kb / 24P
Dual Ideal Diode-OR and Single Hot Swap Controller with Current Monitor
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com