Electronic Components Datasheet Search
  English  ▼

X  

LTC4371 Datasheet(PDF) 3 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 3 Page - Linear Technology

  LTC4371 Datasheet HTML 1Page - Linear Technology LTC4371 Datasheet HTML 2Page - Linear Technology LTC4371 Datasheet HTML 3Page - Linear Technology LTC4371 Datasheet HTML 4Page - Linear Technology LTC4371 Datasheet HTML 5Page - Linear Technology LTC4371 Datasheet HTML 6Page - Linear Technology LTC4371 Datasheet HTML 7Page - Linear Technology LTC4371 Datasheet HTML 8Page - Linear Technology LTC4371 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 22 page
background image
LTC4371
3
4371f
For more information www.linear.com/LTC4371
elecTrical characTerisTics The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C, IZ = 50µA, VDD = 12.4V, SA = SB = VSS unless otherwise noted.
SYMBOL PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VDD
Input Supply Range
l
4.5
16
V
IDD
Input Supply Current
Normal Operation
Gate Fault to VSS ,Strong Pull-Up Disabled
Gate Fault to VSS, Strong Pull-Up Enabled
∆VSD = ±0.1V
VZ = 10.4V, ∆VSD = 0.1V, One GATE = VSS
IZ = 50µA, ∆VSD = 0.1V, One GATE = VSS
l
l
l
200
400
4.5
300
550
7
450
750
9.5
µA
µA
mA
VZ
Shunt Regulator Voltage
IZ = 50µA
l
11.8
12.4
14
V
∆VZ
Shunt Regulator Load Regulation
IZ = 50µA to 10mA
l
600
mV
VZ(PU)
VZ High Threshold to Enable Strong Gate Pull-Up VDD = VZ Rising
l
10.7
11.2
11.8
V
∆VZ(PU)
VZ High Threshold Hysteresis
0.5
V
VZ(PU)
VZ Low Threshold to Enable Strong Gate Pull-Up VZ Falling
l
1.15
1.25
1.35
V
∆VSD
Source-Drain Forward Servo Voltage
l
5
15
25
mV
∆VGATE
Gate Drive (VG – VS)
IG = 0µA, –1µA; ∆VSD = 100mV
l
VDD – 0.2
VDD + 0.1
V
IGATE(UP) Gate Pull-Up Current
∆VSD = 100mV, ∆VGATE = 5V
l
–3
–5
–8
mA
IGATE(DN) Gate Pull-Down Current
Strong Gate Pull-Down Current
∆VSD = –10mV, ∆VGATE = 5V
∆VSD = –100mV, ∆VGATE = 5V
l
l
7
1
10
2
13
3
mA
A
tOFF
Gate Turn-Off Time in Fault Condition
∆VSD = 0.1V Step to –0.4V,
CGATE = 3.3nF, ∆VGATE <1V
l
220
ns
ID
DA, DB Leakage Current
MOSFET Off
MOSFET Open
VD = 80V
VD = –40V
l
l
10
–10
µA
µA
RD
DA, DB Resistance
∆VSD = –50mV to 0.1V
l
1
2
5
MΩ
VBVD
DA, DB Breakdown Voltage
ID = 10mA, 6ms
l
100
130
170
V
IS
SA, SB Leakage Current
VS = 0V
l
±2
μA
∆VSD(FLT) Source-Drain Fault Detection Threshold
l
150
200
225
mV
VFAULTB
FAULTB Output Low
IFAULTB = 5mA
l
0.4
V
IFAULTB
FAULTB Leakage Current
VFAULTB = 16V
l
±1
μA
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: All currents into pins are positive; all voltages are referenced to
VSS unless otherwise specified.
Note 3: An internal clamp limits the DA and DB pins to a minimum of
100V above VSS and –40V below VSS. This pin can be safely tied to higher
voltages through a resistance that limits the current below 1mA DC or
10mA for a 6ms transient. Driving this pin with current beyond the clamp
may damage the device.
Note 4: Thermal resistance is specified with exposed pad soldered to a
3-inch by 4.5-inch, four layer FR4 board. If exposed pad is not soldered
θJA = 93°C/W.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com