Electronic Components Datasheet Search
  English  ▼

X  

LTC4371 Datasheet(PDF) 16 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 16 Page - Linear Technology

Back Button LTC4371 Datasheet HTML 12Page - Linear Technology LTC4371 Datasheet HTML 13Page - Linear Technology LTC4371 Datasheet HTML 14Page - Linear Technology LTC4371 Datasheet HTML 15Page - Linear Technology LTC4371 Datasheet HTML 16Page - Linear Technology LTC4371 Datasheet HTML 17Page - Linear Technology LTC4371 Datasheet HTML 18Page - Linear Technology LTC4371 Datasheet HTML 19Page - Linear Technology LTC4371 Datasheet HTML 20Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 22 page
background image
LTC4371
16
4371f
For more information www.linear.com/LTC4371
applicaTions inForMaTion
Figure 18. –36V to –72V/25A Ideal Diode-OR
As a second design example, consider modifying the
circuit of Figure 17 to handle 300V transients and to drive
a red LED, which illuminates when a fault is present (see
Figure 18). RDA and RDB are sized to handle transients to
300V, so no change in their value is necessary. Modifica-
tions are necessary to drive the red LED.
A PZTA42, a 300V NPN with a minimum β = 20 is chosen
to supply both the LED and the VDD pin. With a maxi-
mum IDD of 9.5mA (LTC4371) + 1mA (LED) = 10.5mA,
Equation 4 gives:
IBASE =
10.5mA
20
= 525µA
(13)
RZ <
36V –11.8V
50uA+
10mA
20
= 44k
The nearest lower 5% value is 43k.
To produce 1mA LED current with variations in the circuit,
R1 is chosen to be 8.2k.
4371 F18
LTC4371
DA
DB
GA GB
SA
VZ
VDD
SB VSS
RDA
20k
RDB
20k
M1
IPT020N10N3
M2
IPT020N10N3
VA
–36V TO
–72V
VB
–36V TO
–72V
VOUT
25A LOAD
D1
RED LED = MOSFET BAD
RZ
43k
R1
8.2k
RTN
FAULTB
Q1
PZTA42
C1
0.1F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com