Electronic Components Datasheet Search
  English  ▼

X  

LTC4371 Datasheet(PDF) 9 Page - Linear Technology

Part # LTC4371
Description  Dual Negative Voltage Ideal Diode-OR Controller and Monitor
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4371 Datasheet(HTML) 9 Page - Linear Technology

Back Button LTC4371 Datasheet HTML 5Page - Linear Technology LTC4371 Datasheet HTML 6Page - Linear Technology LTC4371 Datasheet HTML 7Page - Linear Technology LTC4371 Datasheet HTML 8Page - Linear Technology LTC4371 Datasheet HTML 9Page - Linear Technology LTC4371 Datasheet HTML 10Page - Linear Technology LTC4371 Datasheet HTML 11Page - Linear Technology LTC4371 Datasheet HTML 12Page - Linear Technology LTC4371 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
LTC4371
9
4371f
For more information www.linear.com/LTC4371
applicaTions inForMaTion
Figure 4. MOSFET Cascode for High Voltage > 250V
Applications with 5mA Gate Pull-Up Current
Figure 3. VDD Connected to VZ with NPN for Repetitive
5mA Gate Pull-Up Current
LTC4371
VZ
VDD
VSS
C1
0.1F
RZ
RTN
VOUT
Q1
4371 F03
4371 F04
LTC4371
VZ
VDD
VSS
C1
0.1F
RZ1
RZ2 RG
10
RTN
VOUT
Q1
2N3904
M1
BSP125 (600V)
pulses from the 5mA fast pull-up, applications where the
input operating voltage exceeds 72V and applications with
a wide range of input voltage, particularly those where the
minimum input voltage approaches the operating voltage
of the LTC4371. A wide input voltage range may also result
in a situation where the maximum VZ current calculated
in Equation 3 exceeds 10mA. For these cases an NPN
transistor can be used to buffer the shunt regulator and
power  VDD, as shown in Figure 3. Equation 1 becomes:
RZ <
VIN(MIN) – VZ(MIN)
50µA +
IDD(MAX)
β
(4)
RZ (or RZ2) may be split into multiple segments in order
to achieve the desired standoff voltage or dissipation.
Whereas 1206 size resistors are commonly rated for 200V
working and 400V peak, pad spacing and circuit board de-
sign rules may limit the working rating to as little as 100V.
In Figure 3, the voltage drop and power dissipation of Q1
may be augmented by the use of one or more resistors
in series with the collector. The same applies for M1 in
Figure 4.
For all applications RZ (or RZ1 + RZ2) must limit the maxi-
mum VZ current to less than 10mA, as calculated using
Equation 3. If voltage transients are anticipated, VIN(MAX)
becomes the peak transient voltage. Transient require-
ments may force the use of Figure 3 or Figure 4 instead
of Figure 2. The peak VZ current may also be reduced
to less than 10mA by filtering, e.g. split RZ (or RZ2) into
two equal parts and connect a bypass capacitor from the
central node to VSS.
Strong Gate Pull-Up
For fast turn-on, a strong 5mA driver pulls up on the gate
when the MOSFET forward drop (∆VSD) is large. In simple
shunt-regulated applications such as shown in Figure 2,
the bias resistor RZ may be incapable of supplying 5mA.
In this case, a 2.2µF bypass capacitor is required to
momentarily provide the strong pull-up current to fully
charge the MOSFET gate. In normal operation the 5mA
drive is not a DC condition, as it flows only long enough
to deliver gate charge to the MOSFET. The amount of
where 50μA represents the minimum VZ shunt regulator
operating current and β is Q1’s DC current gain.
The maximum power dissipation in RZ and the maximum
VZcurrent are calculated from Equations 2 and 3. Dissipa-
tion in emitter follower Q1 is given by:
PD(Q1) =(VIN(MAX) +VBE – VZ(MIN))•IDD(MAX)
(5)
In buffered applications, bypass VZ with a 100nF capacitor
to VSS. Bypassing VDD is unnecessary.
For applications at very high voltages, beyond 300V, small
high voltage MOSFETs are more readily available than
bipolar devices and the circuit of Figure 4 is preferred.
RZ, calculated using Equation 4, is split into two parts,
RZ1 and RZ2. RZ1 is sized to produce a 3V drop when
operating at VIN(MIN).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com