Electronic Components Datasheet Search
  English  ▼

X  

LT8584 Datasheet(PDF) 9 Page - Linear Technology

Part # LT8584
Description  2.5A Monolithic Active Cell Balancer with Telemetry Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8584 Datasheet(HTML) 9 Page - Linear Technology

Back Button LT8584 Datasheet HTML 5Page - Linear Technology LT8584 Datasheet HTML 6Page - Linear Technology LT8584 Datasheet HTML 7Page - Linear Technology LT8584 Datasheet HTML 8Page - Linear Technology LT8584 Datasheet HTML 9Page - Linear Technology LT8584 Datasheet HTML 10Page - Linear Technology LT8584 Datasheet HTML 11Page - Linear Technology LT8584 Datasheet HTML 12Page - Linear Technology LT8584 Datasheet HTML 13Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
LT8584
9
8584fb
For more information www.linear.com/LT8584
GND (Pin1, Pin 2, Pin 3, Pin 4, Pin 17): Must be soldered
directly to local ground plane.
MODE (Pin 5): Serial Enable Pin. Connect this pin to
ground to enable serial interface for analog mux control.
Connect this pin to VIN to disable the analog mux. When
the analog mux is disabled, the OUT pin defaults to VTEMP
measurement. Do not float this pin.
RTMR (Pin 6): Serial Interface Timer Pin. Place a resistor
from this pin to ground to set the serial count duration
window, tW. See the Applications Information section for
proper resistor selection.
DIN (Pin 7): Data Input Pin. Take this pin to ground to
initiate switching if MODE pin is connected to VIN, or to
select the desired analog mux state if MODE pin is tied
to ground. This pin is designed to be directly driven from
the LTC680x family’s S pins.
OUT (Pin 8): Analog Output Pin. Connect this pin to an
accurate voltage monitor to measure a voltage propor-
tional to the internal IC temperature, VTEMP, if MODE pin
is connected to VIN, or measure the output of the internal
analog mux if MODE pin is connected to ground. In analog
mux mode, the OUT pin allows voltage monitoring of the
VCELL pin, the VSNS pin, or VTEMP. This pin is designed
to be directly connected to the LTC680x family’s C pins.
Must connect a compensation capacitor to this pin. See
the Applications Information section for proper capacitor
sizing and placement.
VIN (Pin 9): Supply Pin. Connect this pin directly to the
positive battery cell terminal. Must be bypassed with high
grade (X5R or better) ceramic capacitor placed close to
the transformer’s primary winding connection.
VCELL (Pin 10): Cell Voltage Monitor Pin. This pin provides
a Kelvin connection to the battery cell for accurate voltage
monitoring.Connectthispindirectlytothepositivebattery
cellterminal.Therecommendedcellvoltageis2.5Vto5.3V.
VSNS (Pin 11): Voltage Sense Pin. Connect this pin to the
current sense resistor connected to the primary side of
the transformer. Use this pin to measure average current
dischargedfrombatterycell(seetheBlockDiagram).MODE
pin must be connected to ground and the internal analog
mux must have the VSNS pin selected to use this feature.
Input current is determined as (VVCELL – VVSNS)/RSNS.
DCHRG (Pin 12): Discharge Pin. The Discharge pin can
be configured as an input or output pin. Connect MODE
pin to ground to configure DCHRG as an output pin where
DCHRG is driven to VIN during switching and driven
to ground when switching is deactivated. The output
configuration can be used to drive multiple LT8584’s or
other switching regulators in parallel, to boost discharge
capability. Connect MODE pin high to configure DCHRG as
an input. When configured as an input pin, drive DCHRG
pin to VIN to enable switching. Note in this mode that se-
rial communication is disabled and the DIN pin must be
grounded to initiate switching.
SW (Pin 13, Pin 14, Pin 15, Pin 16): Switch Pin. This
is the collector of the internal 6A NPN power switch.
Minimize the metal trace area connected to this pin to
minimize EMI. Connect the bottom side of the transformer
primary to this pin.
pin FuncTions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com