Electronic Components Datasheet Search
  English  ▼

X  

LT8584 Datasheet(PDF) 29 Page - Linear Technology

Part # LT8584
Description  2.5A Monolithic Active Cell Balancer with Telemetry Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8584 Datasheet(HTML) 29 Page - Linear Technology

Back Button LT8584 Datasheet HTML 25Page - Linear Technology LT8584 Datasheet HTML 26Page - Linear Technology LT8584 Datasheet HTML 27Page - Linear Technology LT8584 Datasheet HTML 28Page - Linear Technology LT8584 Datasheet HTML 29Page - Linear Technology LT8584 Datasheet HTML 30Page - Linear Technology LT8584 Datasheet HTML 31Page - Linear Technology LT8584 Datasheet HTML 32Page - Linear Technology LT8584 Datasheet HTML 33Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 36 page
background image
LT8584
29
8584fb
For more information www.linear.com/LT8584
Figure 16. LT8584 Battery Connections
8584 F16
BAT 12
RW12
RW11
VERR
VMODULE+
VMODULE–
+
–
LT8584
BALANCER ON
BALANCING
CURRENT
BAT 11
RW10
VERR
+
–
BALANCING
CURRENT
BAT 10
RW9
RW1
BALANCING
CURRENT
BAT 1
RW0
LT8584
BALANCER ON
BALANCING
CURRENT
BAT 12
RW12
LT8584
BALANCER ON
BALANCING
CURRENT
BAT 11
RW11
LT8584
BALANCER ON
BALANCING
CURRENT
BAT 10
RW10
LT8584
BALANCER ON
BALANCING
CURRENT
BAT 1
RW1
LT8584
BALANCER ON
BALANCING
CURRENT
LT8584
BALANCER ON
LT8584
BALANCER ON
C11
C12
V+
C10
C1
C0
V–
ADC
BSM
TWO-WIRE BATTERY CONNECTION
SINGLE-WIRE BATTERY CONNECTION
C11
C12
V+
C10
C1
C0
V–
ADC
BSM
VMODULE–
VMODULE+
applicaTions inForMaTion
The LTC6803 and LTC6804 draw only 3µA of static cur-
rent on the S pin, allowing the LT8584 to be enabled
without noticeable measurement error. The LTC6804
offers improved ADC performance over the LTC6803 by
reducing conversion time approximately 10x and reduc-
ing measurement error below 1.2mV. The LTC6804 also
utilizes isoSPI with improved RF-immunity.
Enable Balancing in Simple Mode
Write a ‘1’ to the corresponding DCCx bit in the configura-
tion register of the LTC680x. This pulls its S pin low and
activates the LT8584. Table 10 shows the required time
to turn on one balancer where N = number of LTC680x in
the system and ƒ = frequency of the SCKI clock.
Table 10. Approximate Time to Enable One LT8584
STEP
TIME (s)
LTC6802-1/LTC6802-3
LTC6803-1/LTC6803-3
LTC6802-2/LTC6802-4
LTC6803-2/LTC6803-4
Send WRCFG
Command, Write ‘1’
to Enable Balancer
16
+56 •N
(
)
ƒ
72
ƒ
Note that the addressable serial interface is much faster
when writing to a single channel in a multi-chip system.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com