Electronic Components Datasheet Search
  English  ▼

X  

LT8584 Datasheet(PDF) 13 Page - Linear Technology

Part # LT8584
Description  2.5A Monolithic Active Cell Balancer with Telemetry Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8584 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT8584 Datasheet HTML 9Page - Linear Technology LT8584 Datasheet HTML 10Page - Linear Technology LT8584 Datasheet HTML 11Page - Linear Technology LT8584 Datasheet HTML 12Page - Linear Technology LT8584 Datasheet HTML 13Page - Linear Technology LT8584 Datasheet HTML 14Page - Linear Technology LT8584 Datasheet HTML 15Page - Linear Technology LT8584 Datasheet HTML 16Page - Linear Technology LT8584 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 36 page
background image
LT8584
13
8584fb
For more information www.linear.com/LT8584
operaTion
SWITCH PROTECTION
Several protection features are included to reduce the
likelihood of permanent damage to the internal power
NPNswitch:theshort-circuitdetector,thehigh-impedance
detector, the switch overvoltage protection (OVP), and
internal undervoltage lockout (UVLO). These also alert
the user when the integrity of the discharge converter
has been compromised because of a fault. Switching is
disabled during fault conditions.
Short-Circuit Detector
The short-circuit detector detects when the power NPN
switch turns off prematurely due to a short in the primary-
side winding. If the current comparator trips before the
850ns short detection timeout, the switch error latch will
trip. The OUT pin is driven to VVIN – 1.2V, VSW,ERR, during
a switch error. The part must be reset to clear the switch
error fault.
High-Impedance Detector
Thehigh-impedancedetectormonitorshowlongthepower
NPN switch has been on. If the switch remains on longer
than 50µs, the switch maximum on-time, the switch error
latchissetandtheOUTpinisdriventoVVIN–1.2V,VSW,ERR.
The part must be reset to clear the switch error fault.
Overvoltage Protection (OVP)
The OVP circuitry dynamically clamps the NPN collector’s
SW pins to 50V. This protects the internal power switch
from entering breakdown and causing permanent dam-
age. The clamp is also used as a primary-side snubber to
absorb the leakage inductance energy. The 200ns switch
clamp blanking time determines if the clamp is absorbing
a leakage spike or if the switch is turning off while the
secondary of the transformer is open. If the switch clamp
is on longer than approximately 200ns, the switch error
latch is set. The part must be reset to clear the switch
error fault.
Internal Undervoltage Lockout (UVLO)
LT8584protectsitselfduringaUVLOconditionbydisabling
switching. The OUT pin is driven to VVIN – 1.4V, VFAULT,
during a UVLO condition. A UVLO fault is non-latching and
dominates over a switch fault (Serial Mode requires VIN
to remain above 2V for a UVLO fault to be non-latching).
Once the UVLO condition is cleared, the OUT pin reverts
to normal operation and switching resumes. If the switch
fault latch was tripped prior to the UVLO event, the OUT pin
will indicate a switch fault, VSW,ERR, only after the UVLO
condition is cleared and switching would remain disabled.
Figure 2. Simple Mode Configurations
LT8584
LOCAL
IC GND
LOCAL
IC GND
LOCAL
IC GND
LOCAL
IC GND
STACK+
STACK–
VSNS VCELL
GND RTMR
SW
DIN
VIN
MODE
DCHRG
OUT
•
•
ACTIVE LOW
8584 F02
ON
OFF
LT8584
STACK+
STACK–
VSNS VCELL
GND RTMR
SW
DIN
VIN
MODE
DCHRG
OUT
•
•
ACTIVE HIGH
ON
OFF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com