Electronic Components Datasheet Search
  English  ▼

X  

LT8584 Datasheet(PDF) 24 Page - Linear Technology

Part # LT8584
Description  2.5A Monolithic Active Cell Balancer with Telemetry Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8584 Datasheet(HTML) 24 Page - Linear Technology

Back Button LT8584 Datasheet HTML 20Page - Linear Technology LT8584 Datasheet HTML 21Page - Linear Technology LT8584 Datasheet HTML 22Page - Linear Technology LT8584 Datasheet HTML 23Page - Linear Technology LT8584 Datasheet HTML 24Page - Linear Technology LT8584 Datasheet HTML 25Page - Linear Technology LT8584 Datasheet HTML 26Page - Linear Technology LT8584 Datasheet HTML 27Page - Linear Technology LT8584 Datasheet HTML 28Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 36 page
background image
LT8584
24
8584fb
For more information www.linear.com/LT8584
applicaTions inForMaTion
HOT SWAP™ PROTECTION
Large currents are developed when hot swapping a bat-
tery with a LT8584 application due to the large input bulk
capacitance coupled with the low ESR of the batteries. In
most cases, the LT8584 should have no problem handling
theovershootvoltagethatfollowsthelargeinrushcurrent.
ThedownstreamBSM,however,mightencounterdamage
that requires additional steps and/or circuitry to protect
against hot swapping. Several solutions use a two-path
method incorporating a pre-charge resistive path and a
shunt path (see Figure 11).
This method has the disadvantage of lower efficiency and
higher cost. Use FETs for M1 in Figure 12 that have low
RDS,ONtomaximizeconverterefficiencyandhavelessthan
a 1.25V VGS threshold. Table 7 lists several recommended
FETs for M1. C1 should be sized such that C1 ≥ CVIN/500.
Thethirdactivesolutionprotectstheflybackoutputcapaci-
tors. All flyback outputs sum together and flow through
D13. During a Hot Swap condition, D13 will reverse bias
and prevent a large inrush current into the flyback output
capacitors. The peak repetitive reverse voltage, VRRM,
should exceed the maximum module voltage, VMODULE.
Several recommended diodes for D13 are given in Table 8.
Mechanical Solution
A mechanical approach may result in a more cost effective
solution. A 10Ω resistor is used to pre-charge the CVIN
capacitor to the battery voltage, limiting the inrush cur-
rent. After the CVIN cap is charged, a mechanical short is
connected across the resistor and remains there during
all normal operations. There are three recommended solu-
tions for the mechanical short: 1.) use a > 3A rated jumper
2.) use a mechanical switch or 3.) use a staggered-pin
battery connector. The staggered pin connection has the
long pins connecting to LT8584 through the 10Ω resistor.
The short pins connect directly to the LT8584, shorting
out the 10Ω resistor. Normal insertion has a delay on the
order of milliseconds between the long pin connecting
and short pin connecting to the circuit, allowing CVIN to
charge up through a current limiting resistor before the
mechanical short is made.
Order of Assembly
The order of assembly of the battery stack, the LT8584
balancers, and the BSM can also mitigate hot swapping
issues. Having separate boards for both the LT8584
balancers and the BSM is recommended. This allows the
LT8584 balancers to be built and connected during the
battery stack assembly. The last step involves mating the
battery stack and LT8584 assembly with the BSM board.
Additional filters on the inputs into the BSM also reduce
possible issues during final assembly, see the OUT Pin
Compensation and Filtering section for more detail.
8584 F11
CVIN
VBAT
BATTERY
CONNECTION
+
–
10Ω
LT8584
DIN
Figure 11. Dual Path Hot Swap Solution
For most applications, use the recommended Hot Swap
Solution shown as Active Solution 1 in Figure 12 and in
the Typical Application Section. Several other mechanical,
active, and order-of-assembly solutions are also given as
alternatives or as supplements.
Active Solution
An active solution has the added advantage of automatic
hot swap protection; no additional steps are needed when
connecting batteries. Two input protection solutions are
shown with the first solution using only TVS diodes. D1
is selected to trigger around 6V and to take the brunt of
the connection input pulse. The reverse leakage current
is more significant in low-voltage TVS’s. Table 5 gives
several diodes for D1 that have adequate current and
voltage characteristics while minimizing reverse leakage
current. D2 provides secondary protection for the BSM
inputs.TheseshouldbesmallerthanD1sincetheLT8584’s
OUT pin limits current. Table 6 gives several diodes that
are optimal for D2.
The second active solution has additional overvoltage
protection via a fuse, F1, and a pre-charge MOSFET circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com