Electronic Components Datasheet Search
  English  ▼

X  

LT8584 Datasheet(PDF) 14 Page - Linear Technology

Part # LT8584
Description  2.5A Monolithic Active Cell Balancer with Telemetry Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8584 Datasheet(HTML) 14 Page - Linear Technology

Back Button LT8584 Datasheet HTML 10Page - Linear Technology LT8584 Datasheet HTML 11Page - Linear Technology LT8584 Datasheet HTML 12Page - Linear Technology LT8584 Datasheet HTML 13Page - Linear Technology LT8584 Datasheet HTML 14Page - Linear Technology LT8584 Datasheet HTML 15Page - Linear Technology LT8584 Datasheet HTML 16Page - Linear Technology LT8584 Datasheet HTML 17Page - Linear Technology LT8584 Datasheet HTML 18Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
LT8584
14
8584fb
For more information www.linear.com/LT8584
operaTion
SIMPLE MODE OPERATION
Connecting the MODE pin to the VIN pin configures the
LT8584 as a simple discharger with a simple on/off
shutdown pin. Two shutdown options are provided to
handle either an active high (DCHRG) or an active low
input (DIN), see Figure 2. Connect DIN to ground and use
DCHRG pin for an active high input, or connect DCHRG to
VIN and use DIN as an active low input. The part will begin
switching once the DIN pin is low and DCHRG is high.
Figure 3 shows the enable logic function. Never drive DIN
more than 0.4V below the local ground while operating
in active-high simple mode.
OUT Pin in Simple Mode
The OUT pin defaults to VTEMP, a voltage proportional to
the die temperature, and is measured with respect to the
cell voltage such that VTEMP = VVCELL – VOUT. This can be
used to monitor the internal die temperature for system
diagnostics. The OUT pin will also output two distinct in-
dication voltage levels, VVIN – 1.4V, VFAULT, for an internal
UVLO condition, or VVIN – 1.2V, VSW,ERR, for a switch
error. VTEMP is not allowed to exceed 1V (equivalent to
180°C)1. This makes both the fault and switch error volt-
ages deterministic. The switch error latch is set when the
power NPN switch has encountered a fault (see the Switch
Protection section for more details).
Figure 4. Serial Communication Decode
Figure 3. Simple Mode Enable Logic
8584 F03
ENABLE
BALANCING
DCHRG
DIN
8584 F04
SHUTDOWN
SHUTDOWN
SERIAL DECODE
ENABLED WITH
CORRECT STATE
DECODE WINDOW
16.3ms
RRTMR = 100k
VCELL
SELECTED
VCELL SELECTED
VOLTAGE MODE
HANDSHAKE
ANALOG MUX
ACTIVATED TO DESIRED INPUT
OUT WILL NEVER BE DRIVEN BELOW VVIN – 1.435V
OUT PIN CLAMP IS ACTIVE BELOW VVIN – 1.53V
DIN
t
t
t
RTMR
1.22V
OUT
VVIN
VVIN
VVIN – 1.4V
VVIN – 0.2V
VVIN – 0.4V
VVIN – 0.6V
VVIN – 0.8V
1 Not verified during production testing.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com