Electronic Components Datasheet Search
  English  ▼

X  

LT8584 Datasheet(PDF) 21 Page - Linear Technology

Part # LT8584
Description  2.5A Monolithic Active Cell Balancer with Telemetry Interface
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT8584 Datasheet(HTML) 21 Page - Linear Technology

Back Button LT8584 Datasheet HTML 17Page - Linear Technology LT8584 Datasheet HTML 18Page - Linear Technology LT8584 Datasheet HTML 19Page - Linear Technology LT8584 Datasheet HTML 20Page - Linear Technology LT8584 Datasheet HTML 21Page - Linear Technology LT8584 Datasheet HTML 22Page - Linear Technology LT8584 Datasheet HTML 23Page - Linear Technology LT8584 Datasheet HTML 24Page - Linear Technology LT8584 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
LT8584
21
8584fb
For more information www.linear.com/LT8584
applicaTions inForMaTion
Figure 9. Internal Switch Voltage Waveform
The RMS input current can be increased by increasing
the ratio between the effective switch on-time, tON, and
off-time, tOFF. This off-time ratio is set by the transformer
ratio, N. The following equation sets the switch off-time
to approximately 1/3 of the switch on-time to optimize
power transfer and efficiency.
N
=
Secondary Turns
Primary Turns
=
VMODULE
3 • VIN
The off-time ratio should not be decreased much beyond
1/5; otherwise, secondary-side energy transfer time be-
comes too short, and the converter efficiency is reduced.
Some applications may require a lower RMS current due
to charging limitations or thermal dissipation limitations.
Both can be reduced by increasing the turns ratio, N. Use
the following equation to size the transformer’s primary
inductance:
LPRI =
1
IPK • ƒBM •
1
VIN
+
N
VMODULE
Keep the primary inductance in the range of 2.2µH to
10µH. The lower limit guarantees proper detection of an
open circuit in the transformer’s secondary. The upper
limit guarantees the high-impedance detector does not
activate a false switch error during normal operation.
Leakage Inductance
Leakage inductance causes added voltage stress on the
internal power NPN collector. The LT8584 uses an internal
Zenerclamptoabsorbthisleakagespikeenergyandclamp
the switch node voltage to 50V. The leakage spike energy
should be limited to improve efficiency. Figure 9 shows
the waveform of the internal NPN switch.
Design the transformer to have minimum leakage induc-
tance. Keep both transformer windings tightly wound
around the core air gap. Using a bifilar winding or a
sandwiched secondary decreases leakage inductance.
Note that increased interwinding capacitance is a trade-off
with lower leakage inductance. Several iterations may be
required to optimize the transformer design.
Higher transformer turns ratios benefit from higher
reflected capacitance that helps snub the leakage spike.
N ratios less than 8 usually require an RCD snubber to
help clamp this primary-side leakage spike and increase
the converter efficiency. Good values for the resistor and
capacitor are 4.99kΩ and 22nF, respectively.
Output Diode
The output diode(s) are selected based on the maximum
repetitive reverse voltage (VRRM) and the average forward
current, IF(AVG). The output diode’s VRRM should at a mini-
mum exceed VMODULE + N • VVIN. The LT8584’s internal
OVP circuitry triggers at 50V, and VRRM should therefore
exceed N•(50 + VVIN) to prevent damage to the output
diode during an OVP event. Note that the leakage spike
will usually cause the OVP to trigger roughly 10% lower
than the nominal reflected voltage on the primary. The
output diode’s IF(AVG) should exceed IPK/2N, the average
short-circuit current. The average diode current is also a
function of the output voltage.
IF(AVG) =
IPK • VVIN
2 • VMODULE +N • VVIN
(
)
The highest average diode current occurs at low output
voltages and decreases as the output voltage increases.
Reverse recovery time, reverse bias leakage, and junc-
tion capacitance should also be considered. All affect
the overall charging efficiency. Excessive diode reverse
recovery times can cause appreciable discharging of the
outputstack,therebydecreasingchargerecovery.Choose
a diode with a reverse recovery time of less than 75ns.
8584 F06
t
VSW
0V
VVIN + VSTACK/N
MUST BE LESS THAN 40V
LEAKAGE
SPIKE CLAMPED
TO 50V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com