Electronic Components Datasheet Search
  English  ▼

X  

LTC3351 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3351
Description  Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3351 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3351 Datasheet HTML 9Page - Linear Technology LTC3351 Datasheet HTML 10Page - Linear Technology LTC3351 Datasheet HTML 11Page - Linear Technology LTC3351 Datasheet HTML 12Page - Linear Technology LTC3351 Datasheet HTML 13Page - Linear Technology LTC3351 Datasheet HTML 14Page - Linear Technology LTC3351 Datasheet HTML 15Page - Linear Technology LTC3351 Datasheet HTML 16Page - Linear Technology LTC3351 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 56 page
background image
LTC3351
13
3351f
For more information www.linear.com/LTC3351
BLOCK DIAGRAM
16
+
–
VFR
INTVCC
VREF
vcapfb_dac[3:0]
Vcapfb_dac
vcapfb_dac
VIN
CAPFB
OUTFB
VC
RT
INTVCC
VOUT
x37.5
ICHG
5V LDO
D/A
16-BIT
A/D
VREF
INTVCC
–
x37.5
IIN
VREF
+
–
VREF
VOUT
IREF
+
–
+
–
OUTFET
CFN
VCAPP5
CFP
VCAP
ICAP
BST
TGATE
SW
–
CHARGE
PUMP
DRVCC
BGATE
CAP4
BIDIRECTIONAL
SWITCHING
CONTROLLER
LOGIC
VCC2P5
IIN
ICHG
VCAP
VOUT
VIN
CAP4
CAP3
CAP2
CAP1
CAPRTN
DTEMP
CAPGD
GPI
SGND
BANDGAP
VREF
OSC
2.5V LDO
START-UP
LDO
SHUNT
CONTROLLER
CAP3
BALANCER
SHUNT
CONTROLLER
CAP2
BALANCER
SHUNT
CONTROLLER
CAP1
BALANCER
SHUNT
CONTROLLER
CAPRTN
ITST
BALANCER
+
–
VREF
3351 BD
GPIBUF
+
–
CAPFB
CAP_SLCT0
CAP_SLCT1
SMBALERT
SDA
SCL
41
44
40
35
33
23
20
21
22
24
25
29
28
27
31
30
19
18
17
16
15
14
13
11
PGND
45
4
5
6
2
1
3
7
26
32
12
8
10
9
38
VREF
43
42 UV
OV
CSS
CTIMER
39
HOT SWAP
CONTROLLER
HS_GATE
SRC
ISNSM
36
ISNSP_CHG
37
ISNSP_HS
RETRYB
34
VINGD
VIN
1k (BUCK)
2k (BOOST)
VPEAK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com