Electronic Components Datasheet Search
  English  ▼

X  

LTC3351 Datasheet(PDF) 20 Page - Linear Technology

Part # LTC3351
Description  Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3351 Datasheet(HTML) 20 Page - Linear Technology

Back Button LTC3351 Datasheet HTML 16Page - Linear Technology LTC3351 Datasheet HTML 17Page - Linear Technology LTC3351 Datasheet HTML 18Page - Linear Technology LTC3351 Datasheet HTML 19Page - Linear Technology LTC3351 Datasheet HTML 20Page - Linear Technology LTC3351 Datasheet HTML 21Page - Linear Technology LTC3351 Datasheet HTML 22Page - Linear Technology LTC3351 Datasheet HTML 23Page - Linear Technology LTC3351 Datasheet HTML 24Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 56 page
background image
LTC3351
20
3351f
For more information www.linear.com/LTC3351
OPERATION
swap controller must have completed connecting VIN and
VOUT. The state of the VINGD pull down is read from the
vingd bit in the sys_status register.
If UV is set to a level near or less than the charge voltage
of the capacitors, VIN becomes high impedance and the
VOUT load is very low, it is possible for a small amount
of current to flow from VCAP to VIN through VOUT due to
the maximum duty cycle operation. In this condition, the
high duty cycle buck is effectively a reverse low duty cycle
boost. The boost has a small amount of output current
that holds VIN above VCAP and possibly UV, causing the
part to falsely indicate VINGD. Eventually VCAP will be
discharged below the programmed UV threshold and
VINGDwillindicatecorrectly.Thissituationcanbeavoided
by programming the UV threshold at least 3% above the
capacitor charge voltage.
Ideal Diode
The LTC3351 has an ideal diode controller that drives an
external N-channel MOSFET between VCAP and VOUT. The
ideal diode consists of a precision amplifier that drives
the gates of N-channel MOSFETs whenever the voltage at
VOUT is approximately 30mV (VFR) below the voltage at
VCAP. Within the amplifier’s linear range, the small-signal
resistance of the ideal diode will be quite low, keeping the
forward drop near 30mV. At higher current levels, the
MOSFETs will be in full conduction.
The ideal diode provides a path for the supercapacitors to
powerVOUTwhenVINisunavailableorthehotswapcontrol-
ler is disconnected. In addition to a Fast-Off comparator,
the ideal diode also has a Fast-On comparator that turns
on the external MOSFET when VOUT drops 65mV (VFTO)
below VCAP. The ideal diode will shut off when OUTFB is
just above regulation allowing the synchronous controller
to power VOUT in step-up mode.
Gate Drive Supply (DRVCC)
The bottom gate driver is powered from the DRVCC pin,
which is normally connected to the INTVCC pin. An ex-
ternal LDO can also be used to power the gate drivers to
minimize power dissipation inside the LTC3351. See the
Applications Information section for details.
Switcher/Charger Undervoltage Lockout (UVLO)
Internal undervoltage lockout circuits monitor both the
INTVCC and DRVCC pins. The switching controller is kept
off until INTVCC rises above VUVLO (4.3V) and DRVCC rises
above VDRVUVLO (4.2V). The controller is disabled if either
INTVCC falls below 4V or DRVCC falls below 3.9V.
Charging is disabled until VOUT is VDUVLO (200mV) above
the supercapacitor voltage and VINGD is high. Charging
is disabled when VOUT falls to within 90mV of the super-
capacitor voltage or when VINGD is low.
RT Oscillator and Switching Frequency
The RT pin is used to program the switching frequency.
A resistor, RT, from this pin to ground sets the switching
frequency according to:
fSW MHz
(
) =
53.5
RT kΩ
( )
RT also sets the scale factor for the capacitor measure-
ment value reported in the meas_cap register, described
in the ESR and Capacitance Measurement section of this
data sheet.
Switching Controller Input Overvoltage Protection
Input overvoltage protection turns off both switching
controller switches if VIN exceeds VOVLO (38.6V). The
controller will resume switching if VIN falls below 37.2V.
The hot swap controller is unaffected by this and uses its
own programmable OV threshold.
VCAP DAC
The feedback reference for the CAPFB servo point is
programmed using an internal 4-bit digital-to-analog
converter (DAC). The reference voltage is programmable
from 0.6375V (VCAPFBLO) to 1.2V (VCAPFBHI) in 37.5mV
increments.TheDACdefaultsto0xA(VCAPFB_DEF1.0125V)
and is programmed via the vcapfb_dac register.
Supercapacitors lose capacitance as they age. By initially
setting the VCAP DAC to a low setting, the final charge
voltage on the supercapacitors can be increased as they
age to maintain a constant level of stored backup en-
ergy throughout the lifetime of the supercapacitors. The



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com