Electronic Components Datasheet Search
  English  ▼

X  

LTC3351 Datasheet(PDF) 22 Page - Linear Technology

Part # LTC3351
Description  Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3351 Datasheet(HTML) 22 Page - Linear Technology

Back Button LTC3351 Datasheet HTML 18Page - Linear Technology LTC3351 Datasheet HTML 19Page - Linear Technology LTC3351 Datasheet HTML 20Page - Linear Technology LTC3351 Datasheet HTML 21Page - Linear Technology LTC3351 Datasheet HTML 22Page - Linear Technology LTC3351 Datasheet HTML 23Page - Linear Technology LTC3351 Datasheet HTML 24Page - Linear Technology LTC3351 Datasheet HTML 25Page - Linear Technology LTC3351 Datasheet HTML 26Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 56 page
background image
LTC3351
22
3351f
For more information www.linear.com/LTC3351
OPERATION
from the ARA are needed. For more information refer to
the SMBus specification.
Details on the registers accessible through this interface
are available in the Register Map section of this data sheet.
For I2C masters unable to create the repeated start needed
for the read and write word protocols, a stop followed by
a start may be substituted.
Analog-to-Digital Converter
The LTC3351 has an integrated 16-bit sigma-delta analog-
to-digital converter (ADC). This converter is automatically
multiplexed between the measured channels. Its results
are stored in registers accessible via the I2C/SMBus port.
There are 11 channels measured by the ADC, each of
which takes approximately 800µs to measure. In addition
to providing status information about the system voltages
and currents, some of these measurements are used by
the LTC3351 to balance, protect (shunt), and measure the
capacitors in the stack.
The result of each analog-to-digital conversion is stored in
a 16-bit register as a signed, two’s complement number.
Toreduceaveragequiescentcurrent,theeffectivedutycycle
of the ADC can be reduced by programming adc_wait_vin
and/or adc_wait_backup. Each register inserts a delay in
the ADC’s measurement cycle during its respective mode
of operation. Each LSB of these registers has a weight
of approximately 400µs. At some times, such as when
shunting or making capacitance and ESR measurement,
thesesettingsmaybetemporarilyignored.Measurements
of individual channels may be enabled or disabled by set-
ting the appropriate bit in adc_backup_ch_en_reg and
adc_vin_ch_en_reg.
ThemeasurementsfromtheADCarestoredtomeas_vcap1,
meas_vcap2, meas_vcap3, meas_vcap4, meas_gpi,
meas_vin, meas_vcap, meas_vout, meas_iin, meas_ichg
and meas_dtemp.
ESR and Capacitance Measurement
The LTC3351 monitors the health of a supercapacitor
stack by measuring the capacitance and the ESR. Both
the capacitance and ESR are measured in a single test.
The LTC3351 measures ESR by applying and measuring a
current step with the high efficiency charger and measur-
ing the change in voltage. The capacitance is measured
by discharging a fixed voltage with a known current and
measuring time.
TheESRandcapacitancemeasurementsequence,initiated
by setting ctl_start_cap_esr_meas, is:
1. Themon_meas_activeandmon_esr_meas_activebits
become high if the capacitors are charged, otherwise,
mon_capesr_pending becomes high.
2. The charger is configured to charge at a pre-set cur-
rent up to a full vcapfb_dac setting, this current is set
using an 8 bit DAC controlled either by:
a. An internal algorithm that selects the optimal cur-
rent based on the previous capacitor measurement
(assuming the LTC3351 is not in input current limit)
b. An override setting, programmed in esr_i_override,
is used if non-zero. If it is likely the LTC3351 will
operate in input current limit while charging, then
this should be set low enough to avoid input current
limit.
3. The measurement system waits esr_i_on_settling for
the current and capacitor effects to stabilize. Each LSB
of esr_i_on_settling is 1024 switcher periods.
4. A series of measurements of capacitor voltages and
charge currents are made. The charger is then tem-
porarily shut off.
5. The measurement system waits esr_i_off_settling for
the current and capacitor effects to stabilize. Each LSB
of esr_i_off_settling is 1024 switcher periods.
6. A series of measurements of capacitor voltages and
chargercurrentsaremade.Fromthesemeasurements,
and the previous measurements, the ESR is calculated
and stored in meas_esr.
7. The capacitors will be charged to at least 1.25 •
cap_delta_v_setting above their initial voltage (as
measured at step 1).
If the capacitor voltage reaches the maximum charge
voltage (VCAPFB = 1.2V), then the test will stop trying
to charge and continue without fully charging. The
test may fail later due to this. If the charger is unable



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com