Electronic Components Datasheet Search
  English  ▼

X  

LTC3351 Datasheet(PDF) 21 Page - Linear Technology

Part # LTC3351
Description  Hot Swappable Supercapacitor Charger, Backup Controller and System Monitor
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3351 Datasheet(HTML) 21 Page - Linear Technology

Back Button LTC3351 Datasheet HTML 17Page - Linear Technology LTC3351 Datasheet HTML 18Page - Linear Technology LTC3351 Datasheet HTML 19Page - Linear Technology LTC3351 Datasheet HTML 20Page - Linear Technology LTC3351 Datasheet HTML 21Page - Linear Technology LTC3351 Datasheet HTML 22Page - Linear Technology LTC3351 Datasheet HTML 23Page - Linear Technology LTC3351 Datasheet HTML 24Page - Linear Technology LTC3351 Datasheet HTML 25Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 56 page
background image
LTC3351
21
3351f
For more information www.linear.com/LTC3351
OPERATION
capacitance and ESR measurement system may tempo-
rarily increase this DAC to a value as much as full scale
(1.2V) during the ESR test.
If using the capacitance and ESR test, the highest usable
DAC setting will be determined by the voltage increase
between that setting and 1.2V at the CAPFB pin, wherein
the capacitor stack’s voltage increases by 1.25 times the
voltage specified in cap_delta_v_setting.
Charge Status Indication
The LTC3351 includes a comparator to report the status
of the supercapacitors via an open-drain NMOS transis-
tor on the CAPGD pin. This pin pulls to ground until the
CAPFBpinvoltagerisestowithinnominally8%oftheVCAP
DAC setting. Once the CAPFB pin is above this threshold,
the CAPGD pin goes high impedance. The output of this
comparator may also be read from the cappg bit in the
sys_status register.
Capacitor Voltage Balancer
The LTC3351 has an integrated active stack balancer. This
balancer slowly balances all of the capacitor voltages to
within approximately 10mV of each other. This maximizes
the life of the supercapacitors by keeping the voltage on
each as low as possible to achieve the needed total stack
voltage. When the difference between any two capacitor
voltages exceeds approximately 10mV, the capacitor with
the largest voltage is discharged with a resistive balancer
(approximately 75Ω until all capacitor voltages are within
10mV). The balancers can be disabled by setting the
ctl_disable_balancer bit.
Capacitor Shunt Regulators
During charging, the capacitors are protected from over-
voltage. The capacitors in the stack will not have exactly
the same capacitance due to manufacturing tolerances
or uneven aging. This will cause the capacitor voltages to
increase at different rates with the same charge current.
If this mismatch is severe enough or if the capacitors are
being charged to near their maximum voltage, it becomes
necessary to limit the voltage increase on some capacitors
while still charging the other capacitors. Up to 500mA of
current may be shunted around a capacitor whose voltage
is approaching the programmable shunt voltage. This
shunt current reduces the charge rate of that capacitor
relative to the other capacitors. If a capacitor continues
to approach its shunt voltage, the stack charge current is
reduced.Thisprotectsthecapacitorfromovervoltagewhile
still charging the other capacitors, although at a reduced
rate of charge. When shunting, the internal switch may
be on more than 96% duty cycle. The shunts are disabled
by setting the ctl_disable_shunt bit. The shunt voltage
is programmable in the vshunt register. Shunt voltages
may be programmed in 183.5µV increments. If a voltage
greater than 3.6V is programmed, the charge current will
be reduced as that voltage is approached but the shunt
will not turn on. The default value is 0x3999, resulting in
a shunt voltage of approximately 2.7V. See Register Map
for more information.
I2C/SMBus and SMBALERT
The LTC3351 contains an I2C/SMBus compatible port.
This port allows communication with the LTC3351 for
configuration and reading back telemetry data. The port
supports two SMBus formats, read word and write word.
These may be used with or without the packet error code
(PEC) feature. Refer to the SMBus specification for de-
tails of these formats and PEC. The registers accessible
via this port are organized on an 8-bit address bus and
each register is 16 bits wide. The “command code” (or
sub-address) of the SMBus read/write word formats is
the 8-bit address of each of these registers. The address
of the LTC3351 is 0b0001001.
The SMBALERT pin is asserted (pulled low) whenever
an enabled limit is exceeded or when an enabled status
event happens (see the Limit Checking and Alarms and
the Monitor Status Register sections of this data sheet).
The LTC3351 will de-assert the SMBALERT pin only after
responding to a SMBus alert response address (ARA),
an SMBus protocol used to respond to a SMBALERT.
The host will read from the ARA (0b0001100) and each
part asserting SMBALERT will begin to respond with its
address. The responding parts arbitrate in such a way that
onlythepartwiththelowestaddressrespondscompletely.
Only when a part has responded with its entire address
does it release the SMBALERT signal. If multiple parts
are asserting the SMBALERT signal then multiple reads



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com